データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74017 データシート(PDF) 8 Page - Skyworks Solutions Inc.

部品番号 74017
部品情報  On the Direct Conversion Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

74017 データシート(HTML) 8 Page - Skyworks Solutions Inc.

Back Button 74017 Datasheet HTML 2Page - Skyworks Solutions Inc. 74017 Datasheet HTML 3Page - Skyworks Solutions Inc. 74017 Datasheet HTML 4Page - Skyworks Solutions Inc. 74017 Datasheet HTML 5Page - Skyworks Solutions Inc. 74017 Datasheet HTML 6Page - Skyworks Solutions Inc. 74017 Datasheet HTML 7Page - Skyworks Solutions Inc. 74017 Datasheet HTML 8Page - Skyworks Solutions Inc. 74017 Datasheet HTML 9Page - Skyworks Solutions Inc. 74017 Datasheet HTML 10Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CX74017
On the Direct Conversion Receiver
8
Skyworks Solutions, Inc., Proprietary and Confidential
101735A
Preliminary Data Subject to Change
July 20, 2001
Figure 14 and Figure 15 sketch how this affects a given
constellation diagram. In DCR systems however, the IQ
matching is not as critical as in image-rejection architectures.
Rather, it is only important insofar as the accuracy of the
modulation is concerned.
Analog and digital (DSP based) calibration and adaptation
methods have been described so as to correct for these
imbalances, for example in [15].
101735A 14_071801
I
Q
gain
imbalance
ideal
constellation
Figure 14. IQ Demodulator Imperfections (Gain Imbalance)
101735A 15_071801
I
Q
phase
imbalance
Figure 15. IQ Demodulator Imperfections (Phase Imbalance)
Conclusion
The direct conversion receiver is an attractive yet challenging
receiving technique. It has recently been applied successfully to
devices such as pagers, mobile phones, PC and internet
wireless connectivity cards, satellite receivers etc. in a variety of
process technologies and increasing integration levels. It is
poised to appear in many more applications in the near future.
References
[1]
L. Lessing, “Man of High Fidelity: Edwin Howard
Armstrong, a Biography”, Bantam Books, New York,
1969.
[2]
F.M. Colebrook, “Homodyne”, Wireless World and Radio
Rev., 13, p. 774, 1924.
[3]
D.G. Tucker, “The Synchrodyne”, Electronic Engng, 19, p.
75-76, March 1947.
[4]
D.G. Tucker, “The History of the Homodyne and the
Synchrodyne”, Journal of the British Institution of Radio
Engineers, April 1954.
[5]
A.A. Abidi, “Direct-Conversion Radio transceivers for
Digital Communications”, IEEE Journal of Solid-State
Circuits, vol. 30, no. 12, December 1995.
[6]
B. Razavi, “Design Considerations for Direct-Conversion
Receivers”, IEEE Transactions on Circuits and Systems-II:
Analog and Digital Signal Processing, vol. 44, no. 6, June
1997.
[7]
S.J. Franke, “ECE 353 – Radio Communication Circuits”,
Department of Electrical and Computer Engineering,
University of Illinois, Urbana, 1994.
[8]
B. Razavi, “RF Microelectronics”, Prentice Hall, Upper
Saddle River, NJ, 1998.
[9]
J.C. Rudell et al., “Recent Developments in High
Integration Multi-Standard CMOS Transceivers for
Personal Communication Systems”, International
Symposium on Low Power Electronics and Design, 1998.
[10] J.C. Rudell, “Issues in RFIC Design”, lecture notes,
University of California Berkeley/National Technological
University, 1997.
[11] R. Hartley, “Single-Sideband Modulator”, U.S. Patent no.
1666206, April 1928.
[12] D.K. Weaver, “A Third Method of Generation and
Detection of Single Sideband Signals”, Proceedings of the
IRE, vol. 44, p. 1703-1705, December 1956.
[13] I.A.W. Vance, “Fully Integrated Radio Paging Receiver”,
IEE Proc., vol. 129, no. 1, p. 2-6, 1982.
[14] P.R. Gray, R.G. Meyer, “Analysis and Design of Analog
Integrated Circuits”, Third edition, John Wiley & Sons,
New York, 1993.
[15] J.K. Cavers, M. W. Liao, “Adaptive Compensation for
Imbalance and Offset Losses in Direct Conversion
Transceivers”, IEEE Transactions on Vehicular
Technology, vol. 42, p. 581-588, November 1993.


同様の部品番号 - 74017

メーカー部品番号データシート部品情報
logo
OKI electronic componet...
74017 OKI-74017 Datasheet
405Kb / 12P
   MODULATOR/DEMODULATOR FOR MODEM FUNCTION IN THE CELLULAR MOBILE PHONE
More results

同様の説明 - 74017

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
Linear Technology
LTM9004 LINER-LTM9004_15 Datasheet
1Mb / 28P
   14-Bit Direct Conversion Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com