データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM1808 データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 FM1808
部品情報  256Kb Bytewide FRAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM1808 データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FM1808 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM1808 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM1808 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM1808 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM1808 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM1808 Datasheet HTML 9Page - List of Unclassifed Manufacturers FM1808 Datasheet HTML 10Page - List of Unclassifed Manufacturers FM1808 Datasheet HTML 11Page - List of Unclassifed Manufacturers FM1808 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Ramtron
FM1808-70
27 July 2000
8/12
Read Cycle AC Parameters TA = -40
° C to + 85° C, VDD = 4.5V to 5.5V unless otherwise specified
Symbol
Parameter
-70
-120
Units
Notes
Min
Max
Min
Max
tCE
Chip Enable Access Time (to data valid)
70
120
ns
tCA
Chip Enable Active Time
70
10,000
120
10,000
ns
tRC
Read Cycle Time
130
180
ns
tPC
Precharge Time
60
60
ns
tAS
Address Setup Time
5
5
ns
tAH
Address Hold Time
10
10
ns
tOE
Output Enable Access Time
10
10
ns
tHZ
Chip Enable to Output High-Z
15
15
ns
1
tOHZ
Output Enable to Output High-Z
15
15
ns
1
Write Cycle AC Parameters TA = -40
° C to + 85° C, VDD = 4.5V to 5.5V unless otherwise specified
Symbol
Parameter
-70
-120
Units
Notes
Min
Max
Min
Max
tCA
Chip Enable Active Time
70
10,000
120
10,000
ns
tCW
Chip Enable to Write High
70
120
ns
tWC
Write Cycle Time
130
180
ns
tPC
Precharge Time
60
60
ns
tAS
Address Setup Time
0
0
ns
tAH
Address Hold Time
10
10
ns
tWP
Write Enable Pulse Width
40
40
ns
tDS
Data Setup
30
40
ns
tDH
Data Hold
5
5
ns
tWZ
Write Enable Low to Output High Z
15
15
ns
1
tWX
Write Enable High to Output Driven
10
10
ns
1
tHZ
Chip Enable to Output High-Z
15
15
ns
1
tWS
Write Setup
0
0
ns
2
tWH
Write Hold
0
0
ns
2
Notes
1
This parameter is periodically sampled and not 100% tested.
2
The relationship between /CE and /WE determines if a /CE- or /WE-controlled write occurs. There is no timing
specification associated with this relationship.
Power Cycle Timing TA = -40
° C to + 85° C, VDD = 4.5V to 5.5V unless otherwise specified
Symbol
Parameter
Min
Units
Notes
tPU
VDD Min to First Access Start
1
µS
tPD
Last Acces s Complete to VDD Min
0
µS
Capacitance TA = 25
° C , f=1.0 MHz, VDD = 5V
Symbol
Parameter
Max
Units
Notes
CI/O
Input Output Capacitance
8
pF
CIN
Input Capacitance
6
pF


同様の部品番号 - FM1808

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B-SG RAMTRON-FM1808B-SG Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1808B-SG CYPRESS-FM1808B-SG Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
More results

同様の説明 - FM1808

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM3808 RAMTRON-FM3808 Datasheet
191Kb / 28P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
logo
List of Unclassifed Man...
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com