データシートサーチシステム |
|
FM1808-70-P データシート(PDF) 7 Page - List of Unclassifed Manufacturers |
|
FM1808-70-P データシート(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 12 page Ramtron FM1808-70 27 July 2000 7/12 Electrical Specifications Absolute Maximum Ratings Description Ratings Ambient storage or operating temperature -40 °C to + 85°C Voltage on any pin with respect to ground -1.0V to +7.0V Lead temperature (Soldering, 10 seconds) 300 ° C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability DC Operating Conditions TA = -40 ° C to + 85° C, VDD = 4.5V to 5.5V unless otherwise specified Symbol Parameter Min Typ Max Units Notes VDD Power Supply 4.5 5.0 5.5 V 1 IDD VDD Supply Current 180 ns cycle 7 15 mA 2 IDD VDD Supply Current 120 ns cycle 12 25 mA 2 ISB Standby Current - TTL 400 µA 3 ISB Standby Current - CMOS 7 20 µA 4 ILI Input Leakage Current 10 µA 5 ILO Output Leakage Current 10 µA 5 VIL Input Low Voltage -1.0 0.8 V 1 VIH Input High Voltage 2.0 VDD + 1.0 V 1 VOL Output Low Voltage 0.4 V 1,6 VOH Output High Voltage 2.4V V 1,7 Notes 1. Referenced to VSS. 2. VDD = 5.5V, /CE cycling at minimum cycle time, 130 ns for –70 and 180 ns for -120. All inputs at CMOS levels, all outputs unloaded. 3. VDD = 5.5V, /CE at VIH, All inputs at TTL levels, all outputs unloaded. 4. VDD = 5.5V, /CE at VIH, All inputs at CMOS levels, all outputs unloaded. 5. VIN, VOUT between VDD and VSS. 6. IOL = 4.2 mA 7. IOH = -2.0 mA |
同様の部品番号 - FM1808-70-P |
|
同様の説明 - FM1808-70-P |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |