データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM1808-70-S データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 FM1808-70-S
部品情報  256Kb Bytewide FRAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM1808-70-S データシート(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FM1808-70-S Datasheet HTML 3Page - List of Unclassifed Manufacturers FM1808-70-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FM1808-70-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM1808-70-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM1808-70-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM1808-70-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM1808-70-S Datasheet HTML 9Page - List of Unclassifed Manufacturers FM1808-70-S Datasheet HTML 10Page - List of Unclassifed Manufacturers FM1808-70-S Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Ramtron
FM1808-70
27 July 2000
7/12
Electrical Specifications
Absolute Maximum Ratings
Description
Ratings
Ambient storage or operating temperature
-40
°C to + 85°C
Voltage on any pin with respect to ground
-1.0V to +7.0V
Lead temperature (Soldering, 10 seconds)
300
° C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a
stress rating only, and the functional operation of the device at these or any other conditions above those listed in
the operational section of this specification is not implied. Exposure to absolute maximum ratings conditions for
extended periods may affect device reliability
DC Operating Conditions TA = -40
° C to + 85° C, VDD = 4.5V to 5.5V unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply
4.5
5.0
5.5
V
1
IDD
VDD Supply Current 180 ns cycle
7
15
mA
2
IDD
VDD Supply Current 120 ns cycle
12
25
mA
2
ISB
Standby Current - TTL
400
µA
3
ISB
Standby Current - CMOS
7
20
µA
4
ILI
Input Leakage Current
10
µA
5
ILO
Output Leakage Current
10
µA
5
VIL
Input Low Voltage
-1.0
0.8
V
1
VIH
Input High Voltage
2.0
VDD + 1.0
V
1
VOL
Output Low Voltage
0.4
V
1,6
VOH
Output High Voltage
2.4V
V
1,7
Notes
1.
Referenced to VSS.
2.
VDD = 5.5V, /CE cycling at minimum cycle time, 130 ns for –70 and 180 ns for -120. All inputs at CMOS levels, all
outputs unloaded.
3.
VDD = 5.5V, /CE at VIH, All inputs at TTL levels, all outputs unloaded.
4.
VDD = 5.5V, /CE at VIH, All inputs at CMOS levels, all outputs unloaded.
5.
VIN, VOUT between VDD and VSS.
6.
IOL = 4.2 mA
7.
IOH = -2.0 mA


同様の部品番号 - FM1808-70-S

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B-SG RAMTRON-FM1808B-SG Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1808B-SG CYPRESS-FM1808B-SG Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
More results

同様の説明 - FM1808-70-S

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM3808 RAMTRON-FM3808 Datasheet
191Kb / 28P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
logo
List of Unclassifed Man...
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com