データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM1808-70-S データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 FM1808-70-S
部品情報  256Kb Bytewide FRAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM1808-70-S データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FM1808-70-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FM1808-70-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM1808-70-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM1808-70-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM1808-70-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM1808-70-S Datasheet HTML 9Page - List of Unclassifed Manufacturers FM1808-70-S Datasheet HTML 10Page - List of Unclassifed Manufacturers FM1808-70-S Datasheet HTML 11Page - List of Unclassifed Manufacturers FM1808-70-S Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Ramtron
FM1808-70
27 July 2000
10/12
Write Cycle Timing - /WE Controlled Timing
CE
A0-17
WE
DQ0-7
out
t
AS
t
AH
t
CA
t
WC
t
PC
OE
t
WS
t
WH
DQ0-7
in
t
DS
t
WP
t
WZ
t
WX
t
DH
Power Cycle Timing
VDD
min
VDD
min
t
PC
t
PD
t
PU
VDD
CE
Data Retention TA = -40
° C to + 85° C, VDD = 4.5V to 5.5V unless otherwise specified
Parameter
Min
Units
Notes
Data Retention
10
years
1
Notes
1.
Data retention is specified at 85
° C. The relationship between retention, temperature, and the associated
reliability level is characterized in a separate reliability report.


同様の部品番号 - FM1808-70-S

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B-SG RAMTRON-FM1808B-SG Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1808B-SG CYPRESS-FM1808B-SG Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
More results

同様の説明 - FM1808-70-S

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM3808 RAMTRON-FM3808 Datasheet
191Kb / 28P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
logo
List of Unclassifed Man...
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com