データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM1808-120-S データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 FM1808-120-S
部品情報  256Kb Bytewide FRAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

FM1808-120-S データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  FM1808-120-S Datasheet HTML 1Page - List of Unclassifed Manufacturers FM1808-120-S Datasheet HTML 2Page - List of Unclassifed Manufacturers FM1808-120-S Datasheet HTML 3Page - List of Unclassifed Manufacturers FM1808-120-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FM1808-120-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM1808-120-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM1808-120-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM1808-120-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM1808-120-S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ramtron
FM1808-70
27 July 2000
2/12
Figure 1. Block Diagram
Pin Description
Pin Name
Pin Number
I/O
Pin Description
A0-A14
1-10, 21, 23-26
I
Address. The 15 address lines select one of 32,768 bytes in the FRAM
array. The address value will be latched on the falling edge of /CE.
DQ0-7
11-13, 15-19
I/O
Data. 8-bit bi-directional data bus for accessing the FRAM array.
/CE
20
I
Chip Enable. /CE selects the device when low. The falling edge of /CE
causes the address to be latched internally. Address changes that
occur after /CE goes low will be ignored until the next falling edge
occurs.
/OE
22
I
Output Enable. When /OE is low the FM1808 drives the data bus when
valid data is available. Taking /OE high causes the DQ pins to be tri-
stated.
/WE
27
I
Write Enable. Taking /WE low causes the FM1808 to write the contents
of the data bus to the address location latched by the falling edge of
/CE.
VDD
28
I
Supply Voltage. 5V
VSS
14
I
Ground.
Functional Truth Table
/CE
/WE
/OE
Function
H
X
X
Standby/Precharge
æ
X
X
Latch Address
L
H
L
Read
L
L
X
Write
Address
Latch
A0-A14
CE
Control
Logic
WE
Row
Decoder
Block Decoder
Column Decoder
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
A0-A7
A8-A9
A10-A14
I/O Latch
Bus Driver
OE
DQ0-7


同様の部品番号 - FM1808-120-S

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B-SG RAMTRON-FM1808B-SG Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1808B-SG CYPRESS-FM1808B-SG Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
More results

同様の説明 - FM1808-120-S

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM3808 RAMTRON-FM3808 Datasheet
191Kb / 28P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
logo
List of Unclassifed Man...
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com