データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1510 データシート(PDF) 5 Page - Gennum Corporation

部品番号 GS1510
部品情報  HDTV Serial Digital Deformatter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1510 データシート(HTML) 5 Page - Gennum Corporation

  GS1510 Datasheet HTML 1Page - Gennum Corporation GS1510 Datasheet HTML 2Page - Gennum Corporation GS1510 Datasheet HTML 3Page - Gennum Corporation GS1510 Datasheet HTML 4Page - Gennum Corporation GS1510 Datasheet HTML 5Page - Gennum Corporation GS1510 Datasheet HTML 6Page - Gennum Corporation GS1510 Datasheet HTML 7Page - Gennum Corporation GS1510 Datasheet HTML 8Page - Gennum Corporation GS1510 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
GENNUM CORPORATION
522 - 47 - 00
5
13
TRS_INS
Non-
synchronous
Input
Control Signal Input. Used to enable or disable re-insertion of
the TRS into the data stream. When TRS_INS is high, the
device re-inserts TRS into the incoming data stream based on
the internal calculation. The original TRS packets are set to the
blanking levels. If the flywheel is enabled, TRS calculated by
the flywheel is used for insertion. When TRS_INS is low, the
device will not re-insert TRS even if errors in TRS signals are
detected.
15
LN_INS
Non-
synchronous
Input
Control Signal Input. Used to enable or disable re-insertion of
the line number into the data stream. When LN_INS is high, the
device re-inserts the line number into the incoming data
stream based on the internal calculation. The original line
number packets are set to the blanking levels. If the flywheel is
enabled, the line number calculated by the flywheel is used for
insertion. When LN_INS is low, the device will not re-insert the
line number.
16
CRC_INS
Non-
synchronous
Input
Control Signal Input. Used to enable or disable re-insertion of
the CRC into the data stream. When CRC_INS is high, the
device is enabled to re-insert line CRCs based on the internal
calculation. When CRC_INS is low, the device will not re-insert
the CRCs.
17
FAST_LOCK
Synchronous
wrt PCLK_IN
Input
Control Signal Input. Used to control the flywheel
synchronization when a switch line occurs. When a low to high
transition occurs on the FAST_LOCK signal, the internal
flywheel will immediately re-synchronize to the next valid EAV
or SAV TRS in the incoming data stream. See Fig. 5 for timing
information.
18
RESET
Non-
synchronous
Input
Control Signal Input. Used to reset the system state registers to
their default 720p parameters. When RESET is high, the fly
wheel, TRS Detection, and ANC Detection operate normally.
When RESET is low, the flywheel, TRS Detection, and ANC
Detection are reset to the 720p parameters after a rising edge
on PCLK_IN. The read and write counters are not affected.
21
H
Synchronous
wrt PCLK_IN
Output
Control Signal Input. This signal indicates the Horizontal
blanking period of the video signal. Refer to Fig. 2 for timing
information of H relative to DATA_OUT[19:10] and
DATA_OUT[9:0], LUMA and CHROMA respectively.
22
V
Synchronous
wrt PCLK_IN
Output
Control Signal Input. This signal indicates the Vertical blanking
period of the video signal. Refer to Fig. 2 for timing information
of V relative to DATA_OUT[19:10] and DATA_OUT[9:0], LUMA
and CHROMA respectively.
23
F
Synchronous
wrt PCLK_IN
Output
Control Signal Input. This signal indicates the ODD/EVEN field
of the video signal. Refer to Fig. 2 for timing information of F
relative to DATA_OUT[19:10] and DATA_OUT[9:0], LUMA and
CHROMA respectively. When locked and the input signal is of
a progressive scan nature, F stays low at all times.
26,27,71-77,80,
83-89
NC
N/A
N/A
No Connect. Do not connect these pins.
28, 29, 30, 31
VD_STD[3:0]
Synchronous
wrt PCLK_IN
Output
Control Signal Output. VD_STD[3:0] indicates which input
video standard the device has detected. The GS1510 will
indicate all of the formats in SMPTE292M (see Table 1) plus it
will indicate an unknown interlace or progressive scan format.
PIN DESCRIPTIONS
NUMBER
SYMBOL
TIMING
TYPE
DESCRIPTION


同様の部品番号 - GS1510

メーカー部品番号データシート部品情報
logo
DAESAN ELECTRONIC CORP.
GS1510FL DAESAN-GS1510FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
logo
Pan Jit International I...
GS1510FL-AU PANJIT-GS1510FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
More results

同様の説明 - GS1510

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1500 GENNUM-GS1500 Datasheet
146Kb / 17P
   HDTV Serial Digital Deformatter with ANC FIFOs
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com