データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1510 データシート(PDF) 2 Page - Gennum Corporation

部品番号 GS1510
部品情報  HDTV Serial Digital Deformatter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1510 データシート(HTML) 2 Page - Gennum Corporation

  GS1510 Datasheet HTML 1Page - Gennum Corporation GS1510 Datasheet HTML 2Page - Gennum Corporation GS1510 Datasheet HTML 3Page - Gennum Corporation GS1510 Datasheet HTML 4Page - Gennum Corporation GS1510 Datasheet HTML 5Page - Gennum Corporation GS1510 Datasheet HTML 6Page - Gennum Corporation GS1510 Datasheet HTML 7Page - Gennum Corporation GS1510 Datasheet HTML 8Page - Gennum Corporation GS1510 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
GENNUM CORPORATION
522 - 47 - 00
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Supply Voltage
-0.5V to +4.6V
Input Voltage Range (any input)
-0.5V < VIN < 5.5V
Operating Temperature Range
0
°C ≤ T
A ≤ 70°C
Storage Temperature Range
-40
°C ≤ T
S ≤ 125°C
Lead Temperature (soldering 10 seconds)
260
°C
DC ELECTRICAL CHARACTERISTICS
VDD = 3.0 to 3.6V, TA = 0°C to 70°C, unless otherwise shown
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Positive Supply Voltage
VDD
3.0
3.3
3.6
V
Supply Current
Ι
DD
ƒ = 74.25MHz, TA = 25°C
-
402
480
mA
Input Logic LOW Voltage
VIL
ILEAKAGE < 10µA
-
-
0.8
V
Input Logic HIGH Voltage
VIH
ILEAKAGE < 10µA
2.1
3.3
5.0
V
Output Logic LOW Voltage
VOL
VDD = 3.0 to 3.6V, IOL= 4mA
-
0.2
0.4
V
Output Logic HIGH Voltage
VOH
VDD = 3.0 to 3.6V, IOH = -4mA
2.6
-
-
V
AC ELECTRICAL CHARACTERISTICS
VDD = 3.0 to 3.6V, TA = 0°C to 70°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Clock Input Frequency
FHSCI
-
74.25
80
MHz
Also supports 74.25/1.001MHz
Input Data Setup Time
tSU
2.5
-
-
ns
50% levels
Input Data Hold Time
tIH
1.5
-
-
ns
50% levels
Input Clock Duty Cycle
40
-
60
%
Output Data Hold Time
tOH
With 15pF load
2.0
-
-
ns
Output Enable Time
tOEN
With 15pF load
-
-
8
ns
Output Disable Time
tODIS
With 15pF load
-
-
9
ns
Output Data Delay Time
tOD
With 15pF load
-
-
10
ns
Output Data Rise/Fall Time
tROD/tFOD
With 15pF load
-
-
2.5
ns
20% to 80% levels


同様の部品番号 - GS1510

メーカー部品番号データシート部品情報
logo
DAESAN ELECTRONIC CORP.
GS1510FL DAESAN-GS1510FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
logo
Pan Jit International I...
GS1510FL-AU PANJIT-GS1510FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
More results

同様の説明 - GS1510

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1500 GENNUM-GS1500 Datasheet
146Kb / 17P
   HDTV Serial Digital Deformatter with ANC FIFOs
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com