データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1510 データシート(PDF) 4 Page - Gennum Corporation

部品番号 GS1510
部品情報  HDTV Serial Digital Deformatter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1510 データシート(HTML) 4 Page - Gennum Corporation

  GS1510 Datasheet HTML 1Page - Gennum Corporation GS1510 Datasheet HTML 2Page - Gennum Corporation GS1510 Datasheet HTML 3Page - Gennum Corporation GS1510 Datasheet HTML 4Page - Gennum Corporation GS1510 Datasheet HTML 5Page - Gennum Corporation GS1510 Datasheet HTML 6Page - Gennum Corporation GS1510 Datasheet HTML 7Page - Gennum Corporation GS1510 Datasheet HTML 8Page - Gennum Corporation GS1510 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GENNUM CORPORATION
522 - 47 - 00
4
PIN DESCRIPTIONS
NUMBER
SYMBOL
TIMING
TYPE
DESCRIPTION
1
PCLK_IN
Synchronous
wrt PCLK_IN
Input
Input Clock. The device uses PCLK_IN for clocking the input
data stream into DATA_IN[19:0]. This clock is generated by
the GS1545 or GS1540
2, 4, 14, 19, 24, 37,
46, 50, 58, 69, 79,
82, 91, 94, 110,
116, 128
GND
Gnd
Ground power supply connections.
3, 20, 25, 38, 47,
51, 59, 68, 78, 81,
90, 93, 109, 115,
127
VDD
Power
Positive power supply connections.
5F_E/S
Non-
synchronous
Input
Control Signal Input. Used to control where the FIFO_L signal
is generated. When F_E/S is high, the GS1510 generates
FIFO_L signal at EAV. When F_E/S is low, the GS1510
generates FIFO_L signal at SAV. See Fig. 4 for timing
information.
6MUTE
Synchronous
wrt PCLK_IN
Input
Control Signal Input. Used to enable or disable blanking of
the LUMA (DATA_OUT[19:10]) and CHROMA
(DATA_OUT[9:0]). When MUTE is low, the device sets the
accompanying LUMA and CHROMA data to their appropriate
blanking levels. When MUTE is high, the LUMA and CHROMA
data streams pass through this stage of the device unaltered.
7
FW_EN/DIS
Non-
synchronous
Input
Control Signal Input. Used to enable or disable the internal
flywheel. When FW_EN/DIS is high, the internal flywheel is
enabled. When FW_EN/DIS is low, the internal fly-wheel is
disabled.
8
CODE_PROTECT
Non-
synchronous
Input
Control Signal Input. Used to enable or disable re-mapping of
out-of-range words contained in the active portion of the video
signal. When this signal is high, the device re-maps out-of-
range words contained within the active portion of the video
signal into CCIR-601 compliant words. Values between
000-003 are re-mapped to 004. Values between 3FC and 3FF
are re-mapped to 3FB. When this signal is low, out-of-range
words in the active video region pass through the device
unaltered.
9
BP_FR
Non-
synchronous
Input
Control Signal Input. Used to enable or disable word
boundary framing. When BP_FR is low internal framing is
enabled. When BP_FR is high internal framing is bypassed.
10
BP_DSC
Non-
synchronous
Input
Control Signal Input. Used to enable or disable the SMPTE
292M descrambler. When BP_DSC is low, the internal SMPTE
292M descrambler is enabled. When BP_DSC is high, the
internal SMPTE 292M de-scrambler is bypassed.
11
WB_NI
Non-
synchronous
Input
Control Signal Input. Used to enable or disable noise immune
operation of the word boundary framer. When WB_NI is high,
noise-immune word boundary alignment is enabled. The
device switches to a new word boundary only when it has
detected two consecutive identical new TRS positions. When
WB_NI is low, the device re-aligns the word boundary position
at every instance of a TRS.
12
TRS_Y/C
Non-
synchronous
Input
Control Signal Input. Used to control whether LUMA or
CHROMA TRS IDs are detected and used. When TRS_Y/C is
high, the device detects and uses TRS signals embedded in
the LUMA channel. When TRS_Y/C is low, the device detects
and uses TRS signals embedded in the CHROMA channel.


同様の部品番号 - GS1510

メーカー部品番号データシート部品情報
logo
DAESAN ELECTRONIC CORP.
GS1510FL DAESAN-GS1510FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
logo
Pan Jit International I...
GS1510FL-AU PANJIT-GS1510FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
More results

同様の説明 - GS1510

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1500 GENNUM-GS1500 Datasheet
146Kb / 17P
   HDTV Serial Digital Deformatter with ANC FIFOs
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com