データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTM4633 データシート(PDF) 18 Page - Linear Technology

部品番号 LTM4633
部品情報  Triple 10A Step-DownDC/DC 關Module Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 データシート(HTML) 18 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 14Page - Linear Technology LTM4633 Datasheet HTML 15Page - Linear Technology LTM4633 Datasheet HTML 16Page - Linear Technology LTM4633 Datasheet HTML 17Page - Linear Technology LTM4633 Datasheet HTML 18Page - Linear Technology LTM4633 Datasheet HTML 19Page - Linear Technology LTM4633 Datasheet HTML 20Page - Linear Technology LTM4633 Datasheet HTML 21Page - Linear Technology LTM4633 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTM4633
18
4633f
For more information www.linear.com/LTM4633
applicaTions inForMaTion
A graphical representation of the aforementioned ther-
mal resistances is given in Figure 3; blue resistances are
contained within the μModule regulator, whereas green
resistances are external to the µModule package.
As a practical matter, it should be clear to the reader that
no individual or sub-group of the four thermal resistance
parameters defined by JESD 51-12 or provided in the
Pin Configuration section replicates or conveys normal
operating conditions of a μModule regulator. For example,
in normal board-mounted applications, never does 100%
of the device’s total power loss (heat) thermally con-
duct exclusively through the top or exclusively through
bottom of the µModule package—as the standard defines
for
θJCtop and θJCbottom, respectively. In practice, power
loss is thermally dissipated in both directions away from
the package—granted, in the absence of a heat sink and
airflow, a majority of the heat flow is into the board.
Within the LTM4633, be aware there are multiple power
devices and components dissipating power, with a con-
sequence that the thermal resistances relative to different
junctions of components or die are not exactly linear with
respect to total package power loss. To reconcile this
complication without sacrificing modeling simplicity—
but also, not ignoring practical realities—an approach
has been taken using FEA software modeling along with
laboratory testing in a controlled environment chamber
to reasonably define and correlate the thermal resistance
valuessuppliedinthisdatasheet:(1)Initially,FEAsoftware
is used to accurately build the mechanical geometry of
the LTM4633 and the specified PCB with all of the cor-
rect material coefficients along with accurate power loss
source definitions; (2) this model simulates a software-
defined JEDEC environment consistent with JSDE 51-12
to predict power loss heat flow and temperature readings
at different interfaces that enable the calculation of the
JEDEC-defined thermal resistance values; (3) the model
and FEA software is used to evaluate the LTM4633 with
heat sink and airflow; (4) having solved for and analyzed
these thermal resistance values and simulated various
operating conditions in the software model, a thorough
laboratory evaluation replicates the simulated conditions
with thermocouples within a controlled environment
chamber while operating the device at the same power
loss as that which was simulated. The outcome of this
process and due diligence yields a set of derating curves
provided in other sections of this data sheet.
After these laboratory tests have been performed and cor-
related to the LTM4633 model, then the
θJB and θBA are
summed together to correlate quite well with the device
model conditions of no airflow or heat sinking in a properly
4633 F03
µMODULE DEVICE
JUNCTION-TO-CASE (TOP)
RESISTANCE
JUNCTION-TO-BOARD RESISTANCE
JUNCTION-TO-AMBIENT RESISTANCE COMPONENTS
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
AMBIENT
CASE (BOTTOM)-TO-BOARD
RESISTANCE
Figure 3. Graphical Representations of JESD51-12 Thermal Coefficients


同様の部品番号 - LTM4633

メーカー部品番号データシート部品情報
logo
Linear Technology
LTM4633 LINER-LTM4633 Datasheet
746Kb / 32P
   Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
logo
Analog Devices
LTM4633 AD-LTM4633 Datasheet
1Mb / 36P
   Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
Rev. B
logo
Linear Technology
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
   Triple 10A Step-Down DC/DC Module Regulator
More results

同様の説明 - LTM4633

メーカー部品番号データシート部品情報
logo
Linear Technology
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
   Triple 10A Step-Down DC/DC Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
   10A Step-Down DC/DC Module Regulator
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
   Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
logo
Linear Technology
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
   High Efficiency 10A Step-Down 關Module Regulator
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
   Low VIN, 10A Step-Down 關Module Regulator
logo
Analog Devices
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
   20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
   20A DC/DC 關Module Step-Down Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com