データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTM4676A データシート(PDF) 95 Page - Linear Technology

部品番号 LTM4676A
部品情報  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTM4676A データシート(HTML) 95 Page - Linear Technology

Back Button LTM4676A Datasheet HTML 91Page - Linear Technology LTM4676A Datasheet HTML 92Page - Linear Technology LTM4676A Datasheet HTML 93Page - Linear Technology LTM4676A Datasheet HTML 94Page - Linear Technology LTM4676A Datasheet HTML 95Page - Linear Technology LTM4676A Datasheet HTML 96Page - Linear Technology LTM4676A Datasheet HTML 97Page - Linear Technology LTM4676A Datasheet HTML 98Page - Linear Technology LTM4676A Datasheet HTML 99Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 136 page
background image
LTM4676A
95
4676afa
For more information www.linear.com/LTM4676A
appenDix c: pMbus coMManD DeTails
VOUT_MAX
The VOUT_MAX command sets an upper limit on any voltage, including VOUT_MARGIN_HIGH, the unit can com-
mand regardless of any other commands or combinations. The maximum allowed value of this command is 5.7 volts.
The maximum output voltage the LTM4676A can produce is 5.5 volts including VOUT_MARGIN_HIGH. However, the
VOUT_OV_FAULT_LIMIT can be commanded as high as 5.7 volts.
This command has two data bytes and is formatted in Linear_16u format.
VOUT_OV_FAULT_LIMIT
The VOUT_OV_FAULT_LIMIT command sets the value of the output voltage measured at the sense pins, in volts, which
causes an output overvoltage fault.
If the VOUT_OV_FAULT_LIMIT is modified and the switcher is active, allow 10ms after the command is modified to
assure the new value is being honored. The part indicates if it is busy making a calculation. Monitor bits 5 and 6 of
MFR_COMMON. Either bit is low if the part is busy. If this wait time is not met, and the VOUT_COMMAND is modified
above the old overvoltage limit, an OV condition might temporarily be detected resulting in undesirable behavior and
possible damage to the switcher.
If VOUT_OV_FAULT_RESPONSE is set to OV_PULLDOWN, the GPIO pin will not assert if VOUT_OV_FAULT is propa-
gated. The LTM4676A will pull the TG low and assert the BG bit as soon as the overvoltage condition is detected.
This command has two data bytes and is formatted in Linear_16u format.
VOUT_OV_WARN_LIMIT
The VOUT_OV_WARN_LIMIT command sets the value of the output voltage measured at the sense pins, in volts, which
causes an output voltage high warning. The READ_VOUT value will be used to determine if this limit has been exceeded.
In response to the VOUT_OV_WARN_LIMIT being exceeded, the device:
• Sets the NONE_OF_THE_ABOVE bit in the STATUS_BYTE
• Sets the VOUT bit in the STATUS_WORD
• Sets the VOUT Overvoltage Warning bit in the STATUS_VOUT command
• Notifies the host by asserting ALERT pin, unless masked.
This condition is detected by the ADC so the response time may be up to 90ms, typical.
This command has two data bytes and is formatted in Linear_16u format.
VOUT_MARGIN_HIGH
The VOUT_MARGIN_HIGH command loads the unit with the voltage to which the output is to be changed, in volts, when
the OPERATION command is set to “Margin High”. The value must be greater than VOUT_COMMAND. The maximum
guaranteed value on VOUT_MARGIN_HIGH is 5.5 volts.
ThiscommandwillnotbeactedonduringTON_RISEandTOFF_FALLoutputsequencing.TheVOUT_TRANSITION_RATE
will be used if this command is modified while the output is active and in a steady-state condition.
This command has two data bytes and is formatted in Linear_16u format.


同様の部品番号 - LTM4676A

メーカー部品番号データシート部品情報
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
2Mb / 116P
   60V Dual Output Step-Up Controller with Digital Power System Management
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
3Mb / 118P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
More results

同様の説明 - LTM4676A

メーカー部品番号データシート部品情報
logo
Linear Technology
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4620 LINER-LTM4620 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
   Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
   Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
logo
Linear Technology
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
   26A Step-Down 關Module Regulator with PMBus Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
   Dual 9A or Single 18A Module Regulator with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com