データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZX75HP-755 データシート(PDF) 2 Page - Mini-Circuits

部品番号 ZX75HP-755
部品情報  High Pass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX75HP-755 データシート(HTML) 2 Page - Mini-Circuits

  ZX75HP-755 Datasheet HTML 1Page - Mini-Circuits ZX75HP-755 Datasheet HTML 2Page - Mini-Circuits ZX75HP-755 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Coaxial
ZX75HP-755+
Applications
• TV Broadcast
• Point-to-point military radio
• Cordless telephones
Electrical Specifications at 25°C
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5 W.
Permanent damage may occur if any of these limits are exceeded.
REV.A
M151121
ZX75HP-755+
EDU1700
URJ
150514
Features
• Wide band, 1200 MHz to 3400 MHz
• High rejection
• Connectorized package
Typical Frequency Response
Functional Schematic
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
50Ω
1200 to 3400 MHz
High Pass Filter
F1
F2
FREQUENCY (MHz)
DC
F3
Typical Performance Data at 25°C
0
20
40
ZX75HP-755+
INSERTION LOSS
0.4
0.5
0.6
0.7
0.8
1200 1750 2300 2850 3400
60
80
100
120
10
100
1000
10000
FREQUENCY (MHz)
1200 1750 2300 2850 3400
FREQUENCY (MHz)
1000
10000
ZX75HP-755+
VSWR
1
10
100
10
100
1000
10000
FREQUENCY (MHz)
1.0
1.2
1.4
1.6
1200 1750 2300 2850 3400
FREQUENCY (MHz)
0
20
40
ZX75HP-755+
INSERTION LOSS
40
60
80
100
100
1000
10000
FREQUENCY (MHz)
FREQUENCY (MHz)
100
1000
ZX75HP-755+
VSWR
1
10
100
1000
10000
FREQUENCY (MHz)
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Stop Band
Rejection Loss
DC-F1
DC-540
20
30
-
dB
VSWR
DC-F1
DC-540
-
74
-
:1
Pass Band
Insertion Loss
F2-F3
1200-3400
-
0.8
1.5
dB
VSWR
F2-F3
1200-3400
-
1.6
-
:1
CASE STYLE: KE1467
Connectors
Model
SMA-M\F
ZX75HP-755-S+
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
10
98.90
1737.18
160
79.76
579.06
260
65.37
289.53
380
50.91
157.93
490
37.52
91.43
540
31.19
69.49
630
19.33
34.07
695
10.38
12.89
725
6.49
6.66
755
3.45
3.25
795
1.49
1.54
1000
0.68
1.23
1200
0.56
1.17
1500
0.51
1.15
1850
0.54
1.23
2130
0.63
1.41
2620
0.71
1.52
2910
0.70
1.46
3250
0.67
1.33
3400
0.66
1.26


同様の部品番号 - ZX75HP-755

メーカー部品番号データシート部品情報
logo
Mini-Circuits
ZX75HP-73 MINI-ZX75HP-73 Datasheet
300Kb / 3P
   High Pass Filter
ZX75HP-73++ MINI-ZX75HP-73+ Datasheet
300Kb / 3P
   High Pass Filter
ZX75HP-73-S++ MINI-ZX75HP-73-S+ Datasheet
300Kb / 3P
   High Pass Filter
More results

同様の説明 - ZX75HP-755

メーカー部品番号データシート部品情報
logo
PCA ELECTRONICS INC.
EPB5023G PCA-EPB5023G Datasheet
22Kb / 1P
   High Pass Filter
logo
Mini-Circuits
HFCN-650D MINI-HFCN-650D Datasheet
302Kb / 1P
   High Pass Filter
HFCN-5500 MINI-HFCN-5500 Datasheet
311Kb / 1P
   High Pass Filter
RHP-122 MINI-RHP-122 Datasheet
452Kb / 1P
   High Pass Filter
RHP-250 MINI-RHP-250 Datasheet
452Kb / 1P
   High Pass Filter
SCHF-17 MINI-SCHF-17 Datasheet
303Kb / 1P
   High Pass Filter
SCHF-25 MINI-SCHF-25 Datasheet
259Kb / 1P
   High Pass Filter
ZX75HP-180 MINI-ZX75HP-180 Datasheet
432Kb / 3P
   High Pass Filter
ZHSS-8G MINI-ZHSS-8G Datasheet
487Kb / 3P
   High Pass Filter
THP-1050 MINI-THP-1050 Datasheet
486Kb / 3P
   High Pass Filter
VHF-3100 MINI-VHF-3100 Datasheet
238Kb / 1P
   High Pass Filter
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com