データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EV3386DR-00A データシート(PDF) 1 Page - Monolithic Power Systems

部品番号 EV3386DR-00A
部品情報  6 string White LED Driver Evaluation Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV3386DR-00A データシート(HTML) 1 Page - Monolithic Power Systems

  EV3386DR-00A Datasheet HTML 1Page - Monolithic Power Systems EV3386DR-00A Datasheet HTML 2Page - Monolithic Power Systems EV3386DR-00A Datasheet HTML 3Page - Monolithic Power Systems EV3386DR-00A Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV3386DR-00A
6 string White LED Driver
Evaluation Board
EV3386DR-00A Rev.1.0
www.MonolithicPower.com
1
10/16/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV3386DR-00A is an evaluation board for the
MP3386DR, a step-up converter designed for large
liquid-crystal displays that employ an array of LEDs
as the light source. It can drive up to 6 strings in
parallel and 10 LEDs per string.
The MP3386 uses internal switch current mode,
fixed frequency architecture and includes current
ballast in each string terminal, which achieves 3%
current regulation accuracy between strings. Low
feedback voltage at each LED string help reduce
power loss and improve efficiency.
The MP3386 has multiple features to protect the
converter from fault conditions, including under-
voltage lockout, current limiting, over voltage,
short LED, open LED and thermal shut-down
protection.
The MP3386 is available in small QFN24 (4mmx
4mm) package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input
Voltage
VIN
4.5 – 25
V
LEDs #
6 string parallel and
10 LEDs each string
LED Current
ILED
20/string
mA
FEATURES
• 4.5V to 25V Input Voltage Range
• Up to 89% Efficiency
• Programmable Over Voltage Protection
• Drives up to 6 Strings Parallel and 10 LEDs
in Series.
• 3% Current Regulation Accuracy Between
Strings
• Selectable Switching Frequency: 1.25MHz
and 625kHz
• Open and Short LED Load Protection
• Thermal Shutdown
APPLICATIONS
• Notebook PC
• Small LCD TV
• Handy Terminals Display
• Automotive Systems and Tablet Computer
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV3386DR-00A EVALUATION BOARD
(L x W x H) 7.3cm x 2.0cm x 1.0cm
Board Number
MPS IC Number
EV3386DR-00A
MP3386DR


同様の部品番号 - EV3386DR-00A

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
EV3385-R-00A MPS-EV3385-R-00A Datasheet
634Kb / 8P
   4 String WLED Controller With I2C Interface Evaluation Board
EV3387L-RT-00A MPS-EV3387L-RT-00A Datasheet
595Kb / 6P
   6 strings Boost White LED Driver Evaluation Board
EV3388DR-00A MPS-EV3388DR-00A Datasheet
157Kb / 4P
   8 strings White LED Driver Evaluation Board
EV3388DR-01A MPS-EV3388DR-01A Datasheet
374Kb / 6P
   8 strings White LED Driver Evaluation Board
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
   8 string White LED Driver Evaluation Board
More results

同様の説明 - EV3386DR-00A

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
   8 string White LED Driver Evaluation Board
EV3391EF-00A MPS-EV3391EF-00A Datasheet
204Kb / 7P
   8 String White LED Driver Evaluation Board
EV3391EY00A MPS-EV3391EY00A Datasheet
192Kb / 7P
   8 String White LED Driver Evaluation Board
EVQ3386-R-00A MPS-EVQ3386-R-00A Datasheet
239Kb / 6P
   6 string White LED Driver Evaluation Board AEC-Q100 Qualified
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Monolithic Power System...
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
   Precision 6 White LED Driver Evaluation Board
EV3393-F-00A MPS-EV3393-F-00A Datasheet
301Kb / 7P
   Step-Up,8-String, External Transistor White LED Driver Evaluation Board
EV3387L-RT-00A MPS-EV3387L-RT-00A Datasheet
595Kb / 6P
   6 strings Boost White LED Driver Evaluation Board
EV3366-C-00A MPS-EV3366-C-00A Datasheet
928Kb / 7P
   6 Strings Boost White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com