データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EV3387L-RT-00A データシート(PDF) 1 Page - Monolithic Power Systems

部品番号 EV3387L-RT-00A
部品情報  6 strings Boost White LED Driver Evaluation Board
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV3387L-RT-00A データシート(HTML) 1 Page - Monolithic Power Systems

  EV3387L-RT-00A Datasheet HTML 1Page - Monolithic Power Systems EV3387L-RT-00A Datasheet HTML 2Page - Monolithic Power Systems EV3387L-RT-00A Datasheet HTML 3Page - Monolithic Power Systems EV3387L-RT-00A Datasheet HTML 4Page - Monolithic Power Systems EV3387L-RT-00A Datasheet HTML 5Page - Monolithic Power Systems EV3387L-RT-00A Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV3387L-RT-00A
6 strings Boost White LED Driver
Evaluation Board
DESCRIPTION
The MP3387L is a step-up converter with 6-
channel current sources. It is designed for
driving the white LED arrays as backlighting of
small or middle size LCD panel.
The MP3387L uses peak-current mode as its
PWM
control
architecture.
The
switching
frequency can be programmed by a resistor. It
generates an output voltage up to 45V from a
3V
to
25V
input
supply.
The
MP3387L
independently regulates the current in each
LED string to the value set by an external
current-setting resistor.
The
MP3387L
applies
6
internal
current
sources in each LED string terminal to achieve
a current balance with 3% current regulation
accuracy between strings. Its low 500mV
regulation voltage on LED current sources
reduces power loss.
The MP3387L features external digital PWM
dimming and analog dimming, both of which
sharing a single input with 25% PWM duty cycle
as a transfer point. The mix-dimming strategy
helps to improve the dimming ratio. Also,
MP3387L automatically transfers the PWM
input signal 100Hz to 20kHz frequency to
24kHz to 27.5kHz to eliminate the audible
noise.
MP3387L
has
rich
protection
modes
to
guarantee safety operation. The protection
modes include recoverable OCP (over-current
protection), OVP (over-voltage protection), OTP
(over-temperature protection), any string of LED
short and open protection.
The
MP3387L
is
available
in
TQFN24-
4mmX4mm package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
3 – 25
V
Output Voltage
VLED
<50
V
LEDs #
6 string
LED Current
ILED
20/string
mA
FEATURES
• 6-String, Max 45mA/String
• 3V to 25V Input Voltage Range
• 3% Current Matching Accuracy Between
Strings
• Programmable Switching Frequency
• Selectable Combined Analog and PWM
Dimming Mode or Pure PWM Dimming
Mode
• Combined Analog and PWM Dimming Mode
with 25% Dimming Transfer Point
• 24kHz to 27.5kHz Output Dimming
Frequency to eliminate audible noise
• Cascading Capability with a Single Power
Source
• Programmable Over-Voltage Protection
• Recoverable Thermal Shutdown Protection
• Cycle by Cycle Over Current Protection
• Under-Voltage Lockout
• TQFN24 (4X4mm) Package
APPLICATIONS
• Notebook PC
• Tablet Computer
• Handy Terminals Display
• Automotive System
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
EV3387L-RT-00A Rev.1.0
www.MonolithicPower.com
1
2/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.


同様の部品番号 - EV3387L-RT-00A

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
EV3385-R-00A MPS-EV3385-R-00A Datasheet
634Kb / 8P
   4 String WLED Controller With I2C Interface Evaluation Board
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
   6 string White LED Driver Evaluation Board
EV3388DR-00A MPS-EV3388DR-00A Datasheet
157Kb / 4P
   8 strings White LED Driver Evaluation Board
EV3388DR-01A MPS-EV3388DR-01A Datasheet
374Kb / 6P
   8 strings White LED Driver Evaluation Board
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
   8 string White LED Driver Evaluation Board
More results

同様の説明 - EV3387L-RT-00A

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
EV3366-C-00A MPS-EV3366-C-00A Datasheet
928Kb / 7P
   6 Strings Boost White LED Driver Evaluation Board
EV3388DR-00A MPS-EV3388DR-00A Datasheet
157Kb / 4P
   8 strings White LED Driver Evaluation Board
EV3389EY-00A MPS-EV3389EY-00A Datasheet
147Kb / 4P
   12 strings White LED Driver Evaluation Board
EV3399EY-00A MPS-EV3399EY-00A Datasheet
260Kb / 5P
   24 strings White LED Driver Evaluation Board
EV3388DR-01A MPS-EV3388DR-01A Datasheet
374Kb / 6P
   8 strings White LED Driver Evaluation Board
EV3389EF-00A MPS-EV3389EF-00A Datasheet
194Kb / 5P
   12 strings White LED Driver Evaluation Board
EV3399EF-00A MPS-EV3399EF-00A Datasheet
261Kb / 5P
   24 strings White LED Driver Evaluation Board
EV3394ES-00A MPS-EV3394ES-00A Datasheet
181Kb / 5P
   4 strings 120mA White LED Driver Evaluation Board
EV3394S-S-00A MPS-EV3394S-S-00A Datasheet
289Kb / 6P
   4 strings 120mA White LED Driver Evaluation Board
EV3398A-S-00A MPS-EV3398A-S-00A Datasheet
591Kb / 6P
   4 strings 350mA White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com