データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTS7020-2EPA データシート(PDF) 22 Page - Infineon Technologies AG

部品番号 BTS7020-2EPA
部品情報  Smart High-Side Power Switch
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7020-2EPA データシート(HTML) 22 Page - Infineon Technologies AG

Back Button BTS7020-2EPA Datasheet HTML 18Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 19Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 20Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 21Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 22Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 23Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 24Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 25Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
Data Sheet
22
Rev. 1.00
2017-08-24
BTS7020-2EPA
PROFETTM+2
Power Stages
Figure 16 Switching a Resistive Load
7.2.2
Switching Inductive Loads
When switching OFF inductive loads with high-side switches, the voltage VOUT drops below ground potential,
because the inductance intends to continue driving the current. To prevent the destruction of the device due
to overvoltage, a voltage clamp mechanism is implemented. The clamping structure limits the negative
output voltage so that VDS = VDS(CLAMP). Figure 17 shows a concept drawing of the implementation. The
clamping structure protects the device in all operation modes listed in Chapter 6.1.
Figure 17 Output Clamp concept
IN
t
VOUT
VIN(TH)
(dV/dt)ON
VIN(HYS)
PDMOS
t
t
PowerStage_SwitchRes.emf
EON
EOFF
tON
tON(DELAY)
tOFF(DELAY)
-(dV/dt)OFF
tOFF
10% of VS
90% of VS
70% of VS
30% of VS
30% of VS
70% of VS
PowerStage_Clamp_INTDIO.emf
High-side
Channel
VS
L,
RL
VOUTn
IL
VDS(CLAMP)
IL
VS
OUTn
VDS
GND
VS(CLAMP)
IS
VIS(CLAMP)


同様の部品番号 - BTS7020-2EPA

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTS7020-2EPA INFINEON-BTS7020-2EPA Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
More results

同様の説明 - BTS7020-2EPA

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com