データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTS50020-1TAD データシート(PDF) 1 Page - Infineon Technologies AG

部品番号 BTS50020-1TAD
部品情報  Smart High-Side Power Switch
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50020-1TAD データシート(HTML) 1 Page - Infineon Technologies AG

  BTS50020-1TAD Datasheet HTML 1Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 2Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 3Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 4Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 5Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 6Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 7Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 8Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Data Sheet
1
Rev. 1.1
www.infineon.com/power
2017-03-28
BTS50020-1TAD
Smart High-Side Power Switch
1
Overview
Features
• One channel device
•Low Stand-by current
•3.3 V to VS level capable input pin
• Electrostatic discharge protection (ESD)
• Optimized Electromagnetic Compatibility (EMC)
• Logic ground independent from load ground
• Very low leakage current at OUT pin
• Compatible to cranking pulse requirement (test pulse 4 of ISO 7637 and cold start pulse in LV124)
• Embedded diagnostic functions
• Embedded protection functions
• Green Product (RoHS compliant)
• AEC Qualified
Applications
• Suitable for resistive, inductive and capacitive loads
• Replaces electromechanical relays, fuses and discrete circuits
• Most suitable for applications with high current loads, such as heating system, main switch for power
distribution, start-stop power supply switch
• PWM applications with low frequencies
Description
The BTS50020-1TAD is a 2.0 mΩ single channel Smart High-Side Power Switch, embedded in a PG-TO-263-7-
10 package, providing protective functions and diagnosis. It contains Infineon® ReverSave™ functionality. The
power transistor is built by a N-channel power MOSFET with charge pump. It is specially designed to drive high
current loads up to 60 A, for applications like switched battery couplings, power distribution switches,
heaters, glow plugs, in the harsh automotive environment.


同様の部品番号 - BTS50020-1TAD

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTS50025-1TAD INFINEON-BTS50025-1TAD Datasheet
924Kb / 51P
   Smart High-Side Power Switch
Rev. 1.1 2017-03-30
BTS50025-1TEA INFINEON-BTS50025-1TEA Datasheet
1Mb / 44P
   Smart High-Side Power Switch
Rev.1.0 2018-08-16
More results

同様の説明 - BTS50020-1TAD

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com