データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTS50025-1TAD データシート(PDF) 25 Page - Infineon Technologies AG

部品番号 BTS50025-1TAD
部品情報  Smart High-Side Power Switch
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50025-1TAD データシート(HTML) 25 Page - Infineon Technologies AG

Back Button BTS50025-1TAD Datasheet HTML 21Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 22Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 23Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 24Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 25Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 26Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 27Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 28Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
Data Sheet
25
Rev. 1.1
2017-03-30
BTS50025-1TAD
Smart High-Side Power Switch
Functional Description
5.3.4
Overvoltage Protection
In case VS(SC)_max < VS < VDS(CL), the device will switch ON/OFF normally as in the nominal voltage range.
Parameters may deviate from the specified limits and lifetime is reduced. This specially impacts the short
circuit robustness, as well as the maximum energy EAS and EAR the device can handle.
The BTS50025-1TAD provides Infineon® SMART CLAMPING functionality, which suppresses excessive transient
overvoltage by actively clamping the overvoltage across the power stage and the load. This is achieved by
controlling the clamp voltage VDS(CL) depending on the junction temperature TJ and the load current IL (see
Figure 21 for details).
Figure 21 Overvoltage Protection with External Components
5.3.5
Reverse Polarity Protection
In case of reverse polarity, the intrinsic body diode of the power DMOS causes power dissipation. To limit the
risk of overtemperature, the device provides Infineon® ReverSave™ functionality. The power in this intrinsic
body diode is limited by turning the DMOS ON. The DMOS resistance is then equal to RDS(REV).
Additionally, the current into the logic has to be limited. The device includes a RVS resistor which limits the
current in the diodes. To avoid overcurrent in the RVS resistor, it is nevertheless recommended to use a RIN
resistor. Please refer to maximum current described in Chapter 4.1.
Figure 22 shows a typical application.
RIS is used to limit the current in the sense transistor, which behaves as a diode.
The recommended typical value for RIN is 4.7 kΩ and for RIS 1kΩ.
RVS
RIN
RIS
VBAT
VIN
VS
OUT
IN
IS
GND


同様の部品番号 - BTS50025-1TAD

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTS50025-1TEA INFINEON-BTS50025-1TEA Datasheet
1Mb / 44P
   Smart High-Side Power Switch
Rev.1.0 2018-08-16
More results

同様の説明 - BTS50025-1TAD

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com