データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN3216 データシート(PDF) 6 Page - ON Semiconductor

部品番号 FAN3216
部品情報  Dual 2-A, High-Speed, Low-Side Gate Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3216 データシート(HTML) 6 Page - ON Semiconductor

Back Button FAN3216 Datasheet HTML 2Page - ON Semiconductor FAN3216 Datasheet HTML 3Page - ON Semiconductor FAN3216 Datasheet HTML 4Page - ON Semiconductor FAN3216 Datasheet HTML 5Page - ON Semiconductor FAN3216 Datasheet HTML 6Page - ON Semiconductor FAN3216 Datasheet HTML 7Page - ON Semiconductor FAN3216 Datasheet HTML 8Page - ON Semiconductor FAN3216 Datasheet HTML 9Page - ON Semiconductor FAN3216 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.onsemi.com
6
Electrical Characteristics
Unless otherw ise noted, VDD=12 V, TJ=-40°C to +125°C. Currents are defined as positive into the device and
negative out of the device.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply
VDD
Operating Range
4.5
18.0
V
IDD
Supply Current, Inputs Not Connected
0.75
1.20
mA
VON
Turn-On Voltage
INA=VDD, INB=0 V
3.45
3.90
4.35
V
VOFF
Turn-Off Voltage
INA=VDD, INB=0 V
3.25
3.70
4.15
V
FAN3216TMX_F085, FAN3217TMX_F085 (Automotive-Qualified Versions)
VON
Turn-On Voltage
(11)
INA=VDD, INB=0 V
3.40
3.90
4.60
V
VOFF
Turn-Off Voltage
(11)
INA=VDD, INB=0 V
3.20
3.70
4.30
V
Inputs
VIL_T
INx Logic Low Threshold
0.8
1.2
V
VIH_T
INx Logic High Threshold
1.6
2.0
V
VHYS_T
TTL Logic Hysteresis Voltage
0.2
0.4
0.8
V
FAN3216TMX, FAN3217TMX
IIN+
Non-inverting Input Current
IN from 0 to VDD
-1.0
175
µA
IIN-
Inverting Input Current
IN from 0 to VDD
-175.0
1.0
µA
FAN3216TMX_F085, FAN3217TMX_F085 (Automotive-Qualified Versions)
IINx_T
Non-inverting Input Current
(11)
IN=0 V
-1.5
1.5
µA
IINx_T
Non-inverting Input Current
(11)
IN=VDD
90
120
175.0
µA
IINx_T
Inverting Input Current
(11)
IN=0 V
-175.0
-120
-90
µA
IINx_T
Inverting Input Current
(11)
IN=VDD
-1.5
1.5
µA
Outputs
ISINK
OUT Current, Mid-Voltage, Sinking
(9)
OUTx at VDD/2,
CLOAD=0.22 µF, f=1 kHz
2.4
A
ISOURCE
OUT Current, Mid-Voltage, Sourcing
(9)
OUTx at VDD/2,
CLOAD=0.1 µF, f=1 kHz
-1.6
A
IPK_SINK
OUT Current, Peak, Sinking
(9)
CLOAD=0.1 µF, f=1 kHz
3
A
IPK_SOURCE
OUT Current, Peak, Sourcing
(9)
CLOAD=0.1 µF, f=1 kHz
-3
A
tRISE
Output Rise Time
(10)
CLOAD=1000 pF
12
22
ns
tFALL
Output Fall Time
(10)
CLOAD=1000 pF
9
17
ns
tD1, tD2
Output Propagation Delay, TTL Inputs
(10)
0
– 5 VIN, 1V/ns Slew Rate
10
19
34
ns
Propagation Matching Betw een Channels
INA=INB, OUTA and OUTB
at 50% Point
1
2
ns
IRVS
Output Reverse Current Withstand
(9)
500
mA
Continued on the following page…


同様の部品番号 - FAN3216

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN3216 FAIRCHILD-FAN3216 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3216T FAIRCHILD-FAN3216T Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3216T FAIRCHILD-FAN3216T Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3216T FAIRCHILD-FAN3216T Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3216T FAIRCHILD-FAN3216T Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

同様の説明 - FAN3216

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN3226 ONSEMI-FAN3226 Datasheet
1Mb / 26P
   Dual 2-A High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
FAN3213 ONSEMI-FAN3213 Datasheet
1Mb / 19P
   Dual-4 A, High-Speed, Low-Side Gate Drivers
October-2017, Rev.2
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3223 ONSEMI-FAN3223_V01 Datasheet
1Mb / 24P
   Gate Drivers, High-Speed, Low-Side, Dual 4-A
April, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com