データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVX541 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74LVX541
部品情報  Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX541 データシート(HTML) 1 Page - Fairchild Semiconductor

  74LVX541 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX541 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX541 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX541 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX541 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX541 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500291
www.fairchildsemi.com
September 1999
Revised April 2005
74LVX541
Low Voltage Octal Buffer/Line Driver with
3-STATE Outputs
General Description
The LVX541 is an octal non-inverting buffer and line driver
designed to be employed as a memory address driver,
clock driver and bus oriented transmitter or receiver which
provides improved PC board density. The inputs tolerate up
to 7V allowing interface of 5V systems to 3V systems.
Features
s Input voltage translation from 5V to 3V
s Ideal for low power/low noise 3.3V applications
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Connection Diagram
Logic Symbol
IEEE/IEC
Pin Descriptions
Truth Table
H
HIGH Voltage Level
X
Immaterial
L
LOW Voltage Level
Z
High Impedance
Order Number
Package Number
Package Description
74LVX541M
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVX541SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVX541MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Descriptions
OE1, OE2
3-STATE Output Enable Inputs
I0 - I7
Inputs
O0 - O7
3-STATE Outputs
Inputs
Outputs
OE1
OE2
I
LL
H
H
HX
X
Z
XHX
Z
LL
LL


同様の部品番号 - 74LVX541

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVX541 FAIRCHILD-74LVX541 Datasheet
72Kb / 5P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74LVX541 ONSEMI-74LVX541 Datasheet
101Kb / 8P
   Octal Bus Buffer
March, 2005 ??Rev. 2
logo
STMicroelectronics
74LVX541 STMICROELECTRONICS-74LVX541 Datasheet
291Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX541 ONSEMI-74LVX541 Datasheet
189Kb / 8P
   Low Voltage Octal Buffer/Line Driver
Revised April 2005
logo
Fairchild Semiconductor
74LVX541M FAIRCHILD-74LVX541M Datasheet
72Kb / 5P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results

同様の説明 - 74LVX541

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVTH244 FAIRCHILD-74LVTH244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ244 FAIRCHILD-74LVQ244_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT244 FAIRCHILD-74LVT244_08 Datasheet
322Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ241 FAIRCHILD-74LVQ241 Datasheet
62Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240 Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX240 FAIRCHILD-74LVX240 Datasheet
87Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240_08 Datasheet
326Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240 Datasheet
88Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com