データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN8741G データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FAN8741G
部品情報  Spindle Motor and 6-CH Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8741G データシート(HTML) 1 Page - Fairchild Semiconductor

  FAN8741G Datasheet HTML 1Page - Fairchild Semiconductor FAN8741G Datasheet HTML 2Page - Fairchild Semiconductor FAN8741G Datasheet HTML 3Page - Fairchild Semiconductor FAN8741G Datasheet HTML 4Page - Fairchild Semiconductor FAN8741G Datasheet HTML 5Page - Fairchild Semiconductor FAN8741G Datasheet HTML 6Page - Fairchild Semiconductor FAN8741G Datasheet HTML 7Page - Fairchild Semiconductor FAN8741G Datasheet HTML 8Page - Fairchild Semiconductor FAN8741G Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
April 2005
FAN8741/FAN8742 Rev. 1.0.1
FAN8741/FAN8742
FAN8741/FAN8742
FAN8741/FAN8742
FAN8741/FAN8742
Spindle Motor and 6-CH Driver
Spindle Motor and 6-CH Driver
Spindle Motor and 6-CH Driver
Spindle Motor and 6-CH Driver
[Spindle(PWM), Sled 2-CH(PWM) 4-CH(Linear)]
[Spindle(PWM), Sled 2-CH(PWM) 4-CH(Linear)]
[Spindle(PWM), Sled 2-CH(PWM) 4-CH(Linear)]
[Spindle(PWM), Sled 2-CH(PWM) 4-CH(Linear)]
Features
Common
• Built-in thermal shutdown circuit (TSD)
• 8 Independent voltage sources
• Corresponds to 3.3V or 5V DSP
• 4 selectable mute inputs
Spindle
• Output PWM mode control
• FG output: open collector type
• Selectable brake(short & reverse brake)
• Built-in hall bias
•180o commutation(compatible with conventional BLDC spindle
motor)
• Built in short-through protection function
BTL(Sled 2-channels)
• Output PWM mode control
• Built in short-through protection function
BTL(Other 4-channels)
• Output linear mode control
Typical Applications
• CD-ROM
• CD-RW
• DVD-ROM
• DVD-RAM
• DVD Player (DVDP)
• Other compact disk media
• Game consoles
Description
Suitable for a 3-phase BLDC (Brush-Less Direct Current) spindle
motor driver with PWM, the monolithic FAN8741/FAN8742 IC also
includes 2-ch motor drivers with PWM for sled motors and 4-ch
linear drivers which drive the focus actuator, tracking actuator, tilt
actuator, and loading motor in optical media applications.
Designed specifically for high-speed/high-density optical media
applications, the FAN8741/FAN8742’s power stage is created by
D-MOS transistors which have extremely low RDSON. This
enables less heat generation and guarantees improved reliability.
The FAN8741G/FAN8742G is available in a 56-SSOP-HS pack-
age, which has high-power dissipation and the leadframe is
exposed to the top side.
The FAN8741MTF/FAN8742MTF is available in a 56-TSSOP-EP
package, which is very thin and the leadframe is exposed to
the bottom side.
Ordering Information
HS=HeatSlug, EP=ExposedPad
X:Tape & Reel type
FAN8741:FG3X
FAN8742:FG1X
Device
Package
Operating Temp.
FAN8741G
56-SSOP-HS
−25°C to +75°C
FAN8741GX
56-SSOP-HS
−25°C to +75°C
FAN8742G
56-SSOP-HS
−25°C to +75°C
FAN8742GX
56-SSOP-HS
−25°C to +75°C
FAN8741MTF
56-TSSOP-EP
−25°C to +75°C
FAN8741MTFX
56-TSSOP-EP
−25°C to +75°C
FAN8742MTF
56-TSSOP-EP
−25°C to +75°C
FAN8742MTFX
56-TSSOP-EP
−25°C to +75°C


同様の部品番号 - FAN8741G

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN8700 FAIRCHILD-FAN8700 Datasheet
155Kb / 14P
   Camera Motor Drive and Control IC
FAN8702 FAIRCHILD-FAN8702 Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702B FAIRCHILD-FAN8702B Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702MP FAIRCHILD-FAN8702MP Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702MPX FAIRCHILD-FAN8702MPX Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
More results

同様の説明 - FAN8741G

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8732CG FAIRCHILD-FAN8732CG Datasheet
322Kb / 20P
   Spindle motor and 5-CH actuator driver [Spindle(PWM), Sled 2-CH(PWM) 3-CH(Linear)]
FAN8725 FAIRCHILD-FAN8725 Datasheet
259Kb / 20P
   Spindle Motor and 5-Channel Motor Driver
FAN8035 FAIRCHILD-FAN8035 Datasheet
547Kb / 18P
   6-CH Motor Driver
FAN8034 FAIRCHILD-FAN8034 Datasheet
320Kb / 20P
   6-CH Motor Driver
FAN8035L FAIRCHILD-FAN8035L Datasheet
552Kb / 18P
   6-CH Motor Driver
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
logo
Renesas Technology Corp
M63015FP RENESAS-M63015FP Datasheet
7Mb / 20P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com