データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EP140DR2 データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC100EP140DR2
部品情報  3.3VECL Phase-Frequency Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP140DR2 データシート(HTML) 4 Page - ON Semiconductor

  MC100EP140DR2 Datasheet HTML 1Page - ON Semiconductor MC100EP140DR2 Datasheet HTML 2Page - ON Semiconductor MC100EP140DR2 Datasheet HTML 3Page - ON Semiconductor MC100EP140DR2 Datasheet HTML 4Page - ON Semiconductor MC100EP140DR2 Datasheet HTML 5Page - ON Semiconductor MC100EP140DR2 Datasheet HTML 6Page - ON Semiconductor MC100EP140DR2 Datasheet HTML 7Page - ON Semiconductor MC100EP140DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC100EP140
http://onsemi.com
4
100EP DC CHARACTERISTICS, NECL VCC = 0 V, VEE = –3.6 V to –3.0 V (Note 5)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
55
70
85
60
74
90
63
78
93
mA
VOH
Output HIGH Voltage (Note 6)
–1145
–1020
–895
–1145
–1020
–895
–1145
–1020
–895
mV
VOL
Output LOW Voltage (Note 6)
–1545
–1420
–1295
–1545
–1420
–1295
–1545
–1420
–1295
mV
VIH
Input HIGH Voltage (Single–Ended)
–1225
–880
–1225
–880
–1225
–880
mV
VIL
Input LOW Voltage (Single–Ended)
–1945
–1625
–1945
–1625
–1945
–1625
mV
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
5. Input and output parameters vary 1:1 with VCC.
6. All loading with 50
W to VCC–2.0 volts.
AC CHARACTERISTICS VCC = 0 V; VEE = –3.0 V to –3.6 V or VCC = 3.0 V to 3.6 V; VEE = 0 V (Note 7)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Frequency
(See Figure 4 Fmax/JITTER)
> 2
> 2
> 2
GHz
tPLH,
tPHL
Propagation Delay to
R to U, FB to D
Output Differential
FB to U, R to D
300
400
450
600
6002
800
325
450
475
650
625
850
350
500
500
700
650
900
ps
tJITTER
Cycle–to–Cycle Jitter
(See Figure 4 Fmax/JITTER)
.2
< 1
.2
< 1
.2
< 1
ps
VPP
Input Voltage Swing
400
800
1200
400
800
1200
400
800
1200
mV
tr
tf
Output Rise/Fall Times
Q, Q
(20% – 80%)
50
90
180
60
100
200
70
120
220
ps
7. Measured using a 750 mV VPP pk–pk, 50% duty cycle, clock source. All loading with 50 W to VCC–2.0 V.
0
100
200
300
400
500
600
0
400
800
1200
1600
2000
2400
Figure 4. Fmax/Jitter
FREQUENCY (MHz)
1
2
3
4
5
6
(JITTER)


同様の部品番号 - MC100EP140DR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP140DR2 ONSEMI-MC100EP140DR2 Datasheet
117Kb / 6P
   3.3V ECL Phase?묯requency Detector
November, 2006 ??Rev. 9
MC100EP140DR2G ONSEMI-MC100EP140DR2G Datasheet
117Kb / 6P
   3.3V ECL Phase?묯requency Detector
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com