データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10EP446FAR2 データシート(PDF) 11 Page - ON Semiconductor

部品番号 MC10EP446FAR2
部品情報  3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP446FAR2 データシート(HTML) 11 Page - ON Semiconductor

Back Button MC10EP446FAR2 Datasheet HTML 7Page - ON Semiconductor MC10EP446FAR2 Datasheet HTML 8Page - ON Semiconductor MC10EP446FAR2 Datasheet HTML 9Page - ON Semiconductor MC10EP446FAR2 Datasheet HTML 10Page - ON Semiconductor MC10EP446FAR2 Datasheet HTML 11Page - ON Semiconductor MC10EP446FAR2 Datasheet HTML 12Page - ON Semiconductor MC10EP446FAR2 Datasheet HTML 13Page - ON Semiconductor MC10EP446FAR2 Datasheet HTML 14Page - ON Semiconductor MC10EP446FAR2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MC10EP446, MC100EP446
http://onsemi.com
11
APPLICATION INFORMATION
The MC10/100EP446 is an integrated 8:1 parallel to serial
converter. An attribute for EP446 is that the parallel inputs
D0–D7 (Pins 17 – 24) can be configured to accept either
CMOS, ECL, or TTL level signals by a combination of
interconnects between VEF (Pin 27) and VCF (Pin 26) pins.
For CMOS input levels, leave VEF and VCF open. For ECL
operation, short VCF and VEF (Pins 26 and 27). For TTL
operation, connect a 1.5 V supply reference to VCF and leave
the VEF pin open. The 1.5 V reference voltage to VCF pin can
be accomplished by placing a 1.5 k
W or 500 W between VCF
and VEE for 3.3 V or 5.0 V power supplies, respectively.
Note: all pins requiring ECL voltage inputs must have a
50
W terminating resistor to VTT (VTT = VCC – 2.0 V).
The CKSEL input (Pin 2) is provided to enable the user to
select the serial data rate output between internal clock data
rate or twice the internal clock data rate. For CKSEL LOW
operation, the time from when the parallel data is latched
¬
to when the data is seen on the SOUT
­ is on the falling edge
of the 7th clock cycle plus internal propagation delay
(Figure 6). Note the PCLK switches on the falling edge of
CLK.
Figure 6. Timing Diagram 1:8 Parallel to Serial Conversion with CKSEL LOW
CLK
SOUT
PCLK
D0
D0−2
D1
D2
D3
D4
D5
D6
D7
D2−2
D3−2
D4−2
D5−2
D6−2
D7−2
D0−3
D1−3
D2−3
D3−3
D4−3
D5−3
D6−3
D7−3
D1−2
CKSEL
D0−1
D2−1
D3−1
D4−1
D5−1
D6−1
D7−1
D1−1
D0−4
D1−4
D2−4
D3−4
D4−4
D5−4
D6−4
D7−4
123
4
567
Number of Clock Cycles from Data Latch to SOUT
Data Latched
Data Latched
Data Latched
Data Latched
À
Á


同様の部品番号 - MC10EP446FAR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP446FAR2 ONSEMI-MC10EP446FAR2 Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
MC10EP446FAR2G ONSEMI-MC10EP446FAR2G Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
MC10EP446FAR2G ONSEMI-MC10EP446FAR2G Datasheet
191Kb / 20P
   8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2014 ??Rev. 11
More results

同様の説明 - MC10EP446FAR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP446 ONSEMI-MC10EP446_14 Datasheet
191Kb / 20P
   8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2014 ??Rev. 11
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10EP446 ONSEMI-MC10EP446_07 Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC10EP01 ONSEMI-MC10EP01 Datasheet
83Kb / 10P
   3.3V / 5V ECL 4-Input OR/NOR
June, 2004 ??Rev. 6
MC10EP08DTG ONSEMI-MC10EP08DTG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com