データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDX1250 データシート(PDF) 3 Page - Sony Corporation

部品番号 CDX1250
部品情報  Vertical Clock Driver for CCD Image sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CDX1250 データシート(HTML) 3 Page - Sony Corporation

  CDX1250 Datasheet HTML 1Page - Sony Corporation CDX1250 Datasheet HTML 2Page - Sony Corporation CDX1250 Datasheet HTML 3Page - Sony Corporation CDX1250 Datasheet HTML 4Page - Sony Corporation CDX1250 Datasheet HTML 5Page - Sony Corporation CDX1250 Datasheet HTML 6Page - Sony Corporation CDX1250 Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
– 3 –
CXD1250M/N
Truth Table
DC Characteristics (Ta = 25°C)
Input
XV1 · 3
L
H
X
X
X
X
L
H
H
H
X
X
X
X
L
L
X
X
L
H
X
X
X
X
X
X
X
X
L
H
X
X
VM
VL
X
X
X
X
VH
Z
X
X
VM
VL
X
X
X
X
X
X
X
X
VHH
VL
X
X
XSG1 · 2
XV2 · 4
Xsub
V
φ1 · 3
V
φ2 · 4
Vsub
Output
X : Don't care
Z : High impedance
Item
"H" level input voltage
"L" level input voltage
"L" level output voltage
"M" level output voltage
"M" level output voltage
"H" level output voltage
"HH" level output voltage
Input current
Power supply current ∗
Power supply current ∗
Power supply current ∗
Power supply current ∗
VIH
VIL
V
φL
V
φM
V
φM
V
φH
V
φHH
Ii
IM
IDD
IH
IHH
I
φL = 20µA
I
φM = –20µA
I
φM = 20µA
I
φH = –20µA
I
φHH = –20µA
3.5
–0.1
14.9
19.9
–10
0.0
0.0
15
20
1.0
4.5
0.3
0.1
0.05
1.5
–9.9
0.1
5.0
0.5
0.2
0.1
V
V
V
V
V
V
V
µA
mA
mA
mA
mA
VDD = 5V
VL = –10V
VM = 0V
VH = 15V
VHH = 20V
Symbol
Min.
Typ.
Max.
Unit
Test condition
Power supply
∗ Suuply current at operation (See the Test Circuit)


同様の部品番号 - CDX1250

メーカー部品番号データシート部品情報
logo
ECS, Inc.
CDX-0746 ECS-CDX-0746 Datasheet
126Kb / 1P
   SMD TUNING FORK CRYSTAL
logo
Sony Corporation
CDX-424RF SONY-CDX-424RF Datasheet
819Kb / 7P
   COMPACT DISC CHANGER SYSTEM
CDX-605 SONY-CDX-605 Datasheet
1Mb / 34P
   SERVICE MANUAL
2017
logo
List of Unclassifed Man...
CDX-900 ETC2-CDX-900 Datasheet
46Kb / 1P
   16 bit over sampling digital filter
CDX-900U ETC2-CDX-900U Datasheet
46Kb / 1P
   16 bit over sampling digital filter
More results

同様の説明 - CDX1250

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXD1250M SONY-CXD1250M Datasheet
154Kb / 7P
   Vertical Clock Driver for CCD Image sensor
logo
Panasonic Semiconductor
MN31121SA PANASONIC-MN31121SA Datasheet
173Kb / 11P
   CCD Image Sensor Vertical Driver IC
MN3112SA PANASONIC-MN3112SA Datasheet
45Kb / 9P
   Vertical Driver for Video-Camera CCD Area-Image-Sensor
logo
ON Semiconductor
LV5609V ONSEMI-LV5609V Datasheet
96Kb / 8P
   Vertical Clock Driver for CCD
August, 2013
LV5609LP ONSEMI-LV5609LP Datasheet
97Kb / 8P
   Vertical Clock Driver for CCD
August, 2013
logo
Sanyo Semicon Device
LV5609LP SANYO-LV5609LP_10 Datasheet
127Kb / 8P
   For CCD Vertical Clock Driver
logo
Panasonic Semiconductor
MN3113F PANASONIC-MN3113F Datasheet
68Kb / 12P
   Vertical Driver LSI for Video Camera CCD Area Image Sensor
MN3111H PANASONIC-MN3111H Datasheet
67Kb / 11P
   Vertical Driver LSI for Video Camera CCD Area Image Sensor
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
   For CCD image sensor
logo
NEC
UPD16510 NEC-UPD16510 Datasheet
71Kb / 16P
   VERTICAL DRIVER FOR CCD SENSOR
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com