データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL05T1 データシート(PDF) 3 Page - ON Semiconductor

部品番号 SL05T1
部品情報  300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SL05T1 データシート(HTML) 3 Page - ON Semiconductor

  SL05T1 Datasheet HTML 1Page - ON Semiconductor SL05T1 Datasheet HTML 2Page - ON Semiconductor SL05T1 Datasheet HTML 3Page - ON Semiconductor SL05T1 Datasheet HTML 4Page - ON Semiconductor SL05T1 Datasheet HTML 5Page - ON Semiconductor SL05T1 Datasheet HTML 6Page - ON Semiconductor SL05T1 Datasheet HTML 7Page - ON Semiconductor SL05T1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SL05T1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Breakdown Voltage
(Note 4)
VC, Clamping Voltage
(Note 5)
Max
Capacitance
Device
VRWM
IR @ VRWM
VBR @ 1 mA (Volts)
@ 1 Amp
@ 5 Amp
Max
IPP
@ VR = 0 V, 1 MHz (pF)
Device
Device
Marking
(Volts)
(
mA)
Min
Max
(Volts)
(Volts)
(Amps)
Typ
Max
SL05
L05
5.0
20
6.0
8.0
9.8
11
17
3.5
5.0
SL15
L15
15
1.0
16.7
18.5
24
30
10
3.5
5.0
SL24
L24
24
1.0
26.7
29
43
55
5.0
3.5
5.0
4. VBR measured at pulse test current of 1 mA at an ambient temperature of 25°C
5. Surge current waveform per Figure 2
TYPICAL CHARACTERISTICS
0.1
10
10
Figure 1. Maximum Peak Power Rating
1
PULSE WIDTH (
ms)
100
1000
1
0.1
0.01
Figure 2. 8
× 20 ms Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
020
40
60
t, TIME (
ms)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
PEAK VALUE IRSM @ 8 ms
HALF VALUE IRSM/2 @ 20 ms
80
Figure 3. Typical Junction Capacitance
–55
25
150
10
1
0.1
0.01
Figure 4. Typical Leakage Over Temperature
TEMPERATURE (
°C)
@ 50% VRWM
4
3.5
3
2
1.5
0.5
0
2.5
1
@ ZERO BIAS
@ VRWM
SL05
SL15
SL24
SL05T1


同様の部品番号 - SL05T1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SL05T1 ONSEMI-SL05T1 Datasheet
60Kb / 5P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
December, 2006 ??Rev. 5
SL05T1 ONSEMI-SL05T1 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
SL05T1 ONSEMI-SL05T1 Datasheet
113Kb / 5P
   300 Watt SOT-23 Low Capacitance TVS for High Speed Line Protections
March, 2013 ??Rev. 8
SL05T1G ONSEMI-SL05T1G Datasheet
60Kb / 5P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
December, 2006 ??Rev. 5
SL05T1G ONSEMI-SL05T1G Datasheet
113Kb / 5P
   300 Watt SOT-23 Low Capacitance TVS for High Speed Line Protections
March, 2013 ??Rev. 8
More results

同様の説明 - SL05T1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SL05T1 ONSEMI-SL05T1_06 Datasheet
60Kb / 5P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
December, 2006 ??Rev. 5
SL12T1 ONSEMI-SL12T1 Datasheet
113Kb / 5P
   300 Watt SOT-23 Low Capacitance TVS for High Speed Line Protections
March, 2013 ??Rev. 8
logo
Semtech Corporation
RCLAMP0534N SEMTECH-RCLAMP0534N Datasheet
142Kb / 7P
   Low Capacitance TVS for High-Speed Interfaces
logo
Protek Devices
SMDA03-6 PROTEC-SMDA03-6_11 Datasheet
512Kb / 6P
   300 WATT MULTI-LINE TVS ARRAY
DFN6-36 PROTEC-DFN6-36_11 Datasheet
511Kb / 6P
   300 watt Multi-line TVS ARRAY
SMDA03-6 PROTEC-SMDA03-6_12 Datasheet
513Kb / 6P
   300 WATT MULTI-LINE TVS ARRAY
SM16LC03 PROTEC-SM16LC03_11 Datasheet
887Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRY
PLCDA03 PROTEC-PLCDA03_12 Datasheet
886Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_12 Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_11 Datasheet
795Kb / 10P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com