データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3200D1 データシート(PDF) 7 Page - Texas Instruments

部品番号 TPA3200D1
部品情報  20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3200D1 データシート(HTML) 7 Page - Texas Instruments

Back Button TPA3200D1 Datasheet HTML 3Page - Texas Instruments TPA3200D1 Datasheet HTML 4Page - Texas Instruments TPA3200D1 Datasheet HTML 5Page - Texas Instruments TPA3200D1 Datasheet HTML 6Page - Texas Instruments TPA3200D1 Datasheet HTML 7Page - Texas Instruments TPA3200D1 Datasheet HTML 8Page - Texas Instruments TPA3200D1 Datasheet HTML 9Page - Texas Instruments TPA3200D1 Datasheet HTML 10Page - Texas Instruments TPA3200D1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
TPA3200D1
SLOS442 – MAY 2005
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NO.
NAME
1
BCK
I
Bit clock input for audio data
3
DATA
I
Audio data input
4
LRCK
I
Left and right channel audio data latch enable input
Select left-channel or right-channel data
7
LR_SEL
I
HIGH: Left channel active
LOW: Right channel active
11
GAIN0
I
Gain select least significant bit. TTL logic levels with compliance to 5 V.
12
GAIN1
I
Gain select most significant bit. TTL logic levels with compliance to 5 V.
Shutdown signal for IC (low = shutdown, high = operational).
13
SHUTDOWN
I
TTL logic levels with compliance to 18 V.
5, 9, 37, 38, 40
DGND
-
Digital ground
6, 8
VDD
-
Digital power supply (4.5 V – 5.5 V)
15
VCLAMP
-
Internally generated voltage supply for bootstrap capacitor
17
BSN
I/O
Bootstrap I/O, negative high-side FET
28
BSP
I/O
Bootstrap I/O, positive high-side FET
2, 16
NC
-
No internal connection.
31
ROSC
I/O
I/O for current setting resistor for ramp generator
32
COSC
I/O
I/O for charge/discharging currents onto capacitor for ramp generator creation
33
BYPASS
O
Midrail analog reference voltage
34
VREF
O
Analog 5-V regulated output. Not to be used for powering external circuitry.
35
VCC
-
High-voltage analog power supply (8 V to 18 V).
19, 20
OUTN
O
Class-D 1/2-H-bridge negative output
Zero flag output.
HIGH: No input present
39
ZERO
O
LOW: Data present at input
This can be used to shutdown the device when no data is present at input.
De-emphasis control.
41
DEMP
I
HIGH: 44.1 kHz De-emphasis ON
LOW: 44.1 kHz De-emphasis OFF
Soft mute control
42
MUTE
I
HIGH: Mute ON
LOW: Mute OFF
Audio data format select
43
FORMAT
I
HIGH: 16-bit right justified
LOW: 16- to 24-bit, I2S format
44
SCLK
I
System clock input
18, 27
PVCC
-
Power supply for H-bridge (8 V to 18 V)
25, 26
OUTP
O
Class-D 1/2-H-bridge positive output
29, 30
AGND
-
Analog ground
14, 21, 22, 23, 24
PGND
-
Power ground for H-bridge
10
VCOM
-
Midrail digital reference voltage
36
FLT2
I/O
Noise-filter terminals; connect capacitor across pins 36 and 37
37
FLT1
I/O
7


同様の部品番号 - TPA3200D1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3200D1 TI-TPA3200D1 Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TPA3200D1DCP TI-TPA3200D1DCP Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TPA3200D1DCPG4 TI-TPA3200D1DCPG4 Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TPA3200D1DCPR TI-TPA3200D1DCPR Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TPA3200D1DCPRG4 TI-TPA3200D1DCPRG4 Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
More results

同様の説明 - TPA3200D1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3200D1 TI-TPA3200D1_07 Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
logo
Analog Devices
SSM2537ACBZ-RL AD-SSM2537ACBZ-RL Datasheet
331Kb / 16P
   PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
SSM2529 AD-SSM2529 Datasheet
811Kb / 52P
   Digital Input, Mono 2 W, Class-D Audio Power Amplifier
SSM2517 AD-SSM2517 Datasheet
429Kb / 16P
   PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
logo
Texas Instruments
TAS2770 TI1-TAS2770_18 Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
[Old version datasheet]   Digital Input Mono Class-D Audio Amplifier
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_15 Datasheet
768Kb / 30P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TAS2770 TI-TAS2770_V01 Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com