データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5Y データシート(PDF) 3 Page - Vishay Siliconix

部品番号 TS5Y
部品情報  Surface Mount Miniature Trimmers Single Turn Cermet Fully Sealed
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS5Y データシート(HTML) 3 Page - Vishay Siliconix

  TS5Y Datasheet HTML 1Page - Vishay Siliconix TS5Y Datasheet HTML 2Page - Vishay Siliconix TS5Y Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.vishay.com
13
TS5Y
Vishay Sfernice
Document Number: 51007
Revision 04-Mar-02
For technical questions, contact sfer@vishay.com
MARKING (RED MARK)
VISHAY trademark, ohmic value, manufacturing date, red
mark.
The ohmic value is indicated by a 3 figure code, the first two
are significant figures, the third one is the multiplier.
Example:
100 = 10
101 = 100
102 = 1000
503 = 50000
SOLDERING RECOMMENDATIONS
Vapour phase: 215°C/20 to 40 seconds.
Reflow: 230°C/20 seconds.
Do not exceed peak 260°C or with an IRON 40W: 3 sec-
onds at 350°C.
Soldering is possible by wave, reflow and vapor phase.
MAX.
POWER
AT 85°C
MAX.
WORKING
VOLTAGE
LINEAR LAW
V
W
10
20
50
100
200
500
1k
2k
5k
10k
20k
50k
100k
200k
500k
1M
0.20
0.2
0.2
0.2
0.08
0.04
1.41
2
3.16
4.47
6.32
10
14.1
20
31.6
44.7
63.2
100
141
200
200
200
141
100
63
45
32
20
14
10
6.3
4.5
3.2
2
1.4
1
0.4
0.2
0
+ 200
± 100
mA
ppm/°C
MAX. CUR.
THROUGH
ELEMENT
T.C.
– 55°C
+ 125°C
Surface Mount Miniature Trimmers Single Turn
Cermet Fully Sealed
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
Ø 12.7
Ø 178
± 2
3 slots - width 2 to 120° - ø ext. 23
2
Ø 70
13
8
5.2
7.6
2
Ø 1.5
12
5.5
1.75
4
3.2
0.3
Cover tape panel strength specifications EIA 481 A and CEI 60286-3.
PACKAGING
On tape and reel of 500 pieces, code TR and 2000 pieces, code TR1
TS5
YL
500K
± 10%
TR500
SERIES
STYLE
OHMIC VALUE
TOLERANCE
PACKAGING
TR500: Tape and reel 500 pcs.
TR2000: Tape and reel 2000 pcs.
ORDERING INFORMATION


同様の部品番号 - TS5Y

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TS5Y VISHAY-TS5Y Datasheet
108Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 27-Jun-07
TS5YJ VISHAY-TS5YJ Datasheet
118Kb / 5P
   5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
01-Jan-2022
TS5YJ504KR10 VISHAY-TS5YJ504KR10 Datasheet
126Kb / 5P
   Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 22-Sep-15
TS5YJ504KR10 VISHAY-TS5YJ504KR10 Datasheet
118Kb / 5P
   5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
01-Jan-2022
TS5YJ504KR20 VISHAY-TS5YJ504KR20 Datasheet
126Kb / 5P
   Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 22-Sep-15
More results

同様の説明 - TS5Y

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TS5Y VISHAY-TS5Y_07 Datasheet
108Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 27-Jun-07
TS5 VISHAY-TS5 Datasheet
126Kb / 5P
   Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 22-Sep-15
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 27-Jun-07
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 22-Dec-08
TS3Y VISHAY-TS3Y Datasheet
116Kb / 2P
   Surface Mount Miniature Trimmers 3mm Single-Turn Cermet Sealed
Revision: 19-Jan-04
TS5 VISHAY-TS5_V01 Datasheet
118Kb / 5P
   5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
01-Jan-2022
TSM4 VISHAY-TSM4 Datasheet
94Kb / 3P
   Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 20-Oct-04
TSM4 VISHAY-TSM4_07 Datasheet
125Kb / 4P
   Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 02-Oct-07
TS3Y VISHAY-TS3Y_06 Datasheet
134Kb / 3P
   Surface Mount Miniature Trimmers 3 mm Single-Turn Cermet Sealed
Revision: 09-Nov-06
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com