データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1033ARQ-REEL7 データシート(PDF) 10 Page - Analog Devices

部品番号 ADM1033ARQ-REEL7
部品情報  Thermal Monitor and Fan Speed (RPM) Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1033ARQ-REEL7 データシート(HTML) 10 Page - Analog Devices

Back Button ADM1033ARQ-REEL7 Datasheet HTML 6Page - Analog Devices ADM1033ARQ-REEL7 Datasheet HTML 7Page - Analog Devices ADM1033ARQ-REEL7 Datasheet HTML 8Page - Analog Devices ADM1033ARQ-REEL7 Datasheet HTML 9Page - Analog Devices ADM1033ARQ-REEL7 Datasheet HTML 10Page - Analog Devices ADM1033ARQ-REEL7 Datasheet HTML 11Page - Analog Devices ADM1033ARQ-REEL7 Datasheet HTML 12Page - Analog Devices ADM1033ARQ-REEL7 Datasheet HTML 13Page - Analog Devices ADM1033ARQ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
ADM1033
Rev. 0 | Page 10 of 40
FUNCTIONAL DESCRIPTION
The ADM1033 is a local and remote temperature monitor
and fan controller used in a variety of applications, including
microprocessor-based systems. The device accurately monitors
remote and ambient temperature and uses that information to
quietly control the speed of a cooling fan. Whenever the fan
stalls, the device asserts a FAN_FAULT output.
The ADM1033 has a THERM I/O. As an input, this measures
assertions on the THERM pin. As an output, it asserts a low
signal to indicate when the measured temperature exceeds the
programmed THERM temperature limits. The ADM1033
communicates over an SMBus 2.0 interface. Its LOCATION
input determines which version of SMBus to use, as well as the
SMBus address (in fixed-and-discoverable mode), and the
LOCATION bits in the UDID (in ARP-capable mode).
INTERNAL REGISTERS
Table 4 gives a brief description of the ADM1033’s principal
internal registers. For more detailed information on the
function of each register, refer to .
SERIAL BUS INTERFACE
The ADM1033 communicates with the master via the 2-wire
SMBus 2.0 interface. It supports two SMBus 2.0 versions,
determined by the value of the LOCATION input resistors.
The first version is fully ARP-capable. This means that it
supports address resolution protocol (ARP), allowing the
master to dynamically address the device on power-up. It
responds to ARP commands such as “Prepare to ARP.”
The second SMBus version, fixed-and-discoverable, is
backward-compatible with SMBus 1.0 and 1.1. In this mode, the
ADM1033 powers up with a fixed address, which is determined
by the state of the LOCATION pin on power-up. Note: when
using the ADM1033, addresses 0xC2 and 0xCA should not be
used by any other device on the bus.
LOCATION INPUT
The LOCATION input is a resistor divider input. It has multiple
functions and can specify the following: the SMBus version
(in fixed-and-discoverable or ARP-capable modes); the SMBus
address (in fixed-and-discoverable mode); and the LLL bits
(in UDID in ARP-capable mode).
The voltage of this 8-level input is set by a potential divider. The
voltage on LOCATION is sampled on power-up and digitized
by the on-chip ADC to determine the LOCATION input value.
Because the LOCATION input is sampled only at power-up,
changes made while power is applied have no effect.
VCC
GND
ADM1033
R1
R2
LOCATION
PIN 13
Figure 16. Bootstrapping the LOCATION Input
SMBus 2.0 ARP-CAPABLE MODE
In ARP-capable mode, the ADM1033 supports such features as
address resolution protocol (ARP) and unique device identifier
(UDID). The UDID is a 128-bit message that describes the
ADM1033’s capabilities to the master. The UDID also includes a
vendor-specific ID for functionally equivalent devices.
VCC
1.5k
1k
1k
1k
1k
1k
1.5k
GND
ADM1033 NO. 1
ADM1033 NO. 2
ADM1033 NO. 3
ADM1033 NO. 5
ADM1033 NO. 7
ARP
LOCATION = 111
ARP
LOCATION = 110
ADM1033 NO. 4
ARP
LOCATION = 101
ARP
LOCATION = 100
ADM1033 NO. 6
FD
ADDRESS = 53h
FD
ADDRESS = 52h
ADM1033 NO. 8
FD
ADDRESS = 51h
FD
ADDRESS = 50h
Figure 17. Setting Up Multiple ADM1033 Addresses
In SMBus 2.0 mode, this vendor-specific ID is generated by an
on-chip random number generator. This should enable two
adjacent ADM1033s in the same system to power-up with a
different vendor-specific ID, allowing the master to identify the
two separate ADM1033s and assign a different address to each.
The state of the LOCATION input on power-up is also reflected
in the UDID. This is useful when there are more than one
ADM1033 in the system, so the master knows which one it is
communicating with. The UDID values are listed in Table 6.
The SMBus 2.0 master issues both general and directed ARP
commands. A general command is directed at all ARP devices.
A directed command is targeted at a single device, once an
address has been established. The PEC byte must be used for
ARP commands (refer to Packet Error Checking (PEC)). The
ADM1033 responds to the following commands:
Prepare to ARP (general)
Reset device (general and directed)
Get UDID (general and directed)
Assign address (general)


同様の部品番号 - ADM1033ARQ-REEL7

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ADM1033ARQZ ONSEMI-ADM1033ARQZ Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
ADM1033ARQZ-REEL ONSEMI-ADM1033ARQZ-REEL Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
ADM1033ARQZ-REEL ONSEMI-ADM1033ARQZ-REEL Datasheet
430Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
April, 2012 ??Rev. 3
ADM1033ARQZ-RL7 ONSEMI-ADM1033ARQZ-RL7 Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
More results

同様の説明 - ADM1033ARQ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1034 AD-ADM1034 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
logo
ON Semiconductor
ADM1033 ONSEMI-ADM1033 Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
ADM1034 ONSEMI-ADM1034 Datasheet
426Kb / 39P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2009 ??Rev. 3
ADM1033 ONSEMI-ADM1033_12 Datasheet
430Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
April, 2012 ??Rev. 3
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com