データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5038RF データシート(PDF) 5 Page - SamHop Microelectronics Corp.

部品番号 SM5038RF
部品情報  RF DECODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5038RF データシート(HTML) 5 Page - SamHop Microelectronics Corp.

  SM5038RF Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5
Single Resistor Oscillator
SM5038RF's oscillator can be constructed by connecting a resistor between OSC1 and
OSC2 pin.
V1.0
Encoder OSC Frequency
350
300
250
200
150
100
50
0
KHz
3
4
5
6
7
8
9
10
11
12
VOLTAGE
100K
82K
68K
51K
43K
150K
180K
The recommended oscillator frequency is FOSCD (SM5038RF decoder)=10 FOSCD (SM028RF
encoder)
~
SM5038RF
212 RF DECODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


同様の部品番号 - SM5038RF

メーカー部品番号データシート部品情報
logo
Silicon Mitus, Inc.
SM5038 SILICONMITUS-SM5038 Datasheet
214Kb / 2P
   Interface PMIC with Type-C and PD, 3:1 MUIC, 3.5 A SW Charger, QC2.0, 1.5 A OTG, 1.5 A Flash LED Driver and Fuel Gauge with a Selectable External Sensing Resistor
May 2021 Rev1.0.0
More results

同様の説明 - SM5038RF

メーカー部品番号データシート部品情報
logo
ELAN Microelectronics C...
EKK6111 EMC-EKK6111 Datasheet
236Kb / 26P
   RF Keyboard Decoder
logo
SamHop Microelectronics...
SM5272B SAMHOP-SM5272B Datasheet
52Kb / 12P
   3 RF DECODER
logo
rfsolutions.ltd
HIRK-315 RFSOLUTIONS-HIRK-315 Datasheet
172Kb / 10P
   RF RECEIVER DECODER HYBRID
AM-HIRK RFSOLUTIONS-AM-HIRK Datasheet
55Kb / 4P
   RF RECEIVER DECODER HYBRID.
logo
THOR communications
H-IRD-V3 THOR-H-IRD-V3 Datasheet
640Kb / 1P
   Decoder for ASI, IP, RF
logo
rfsolutions.ltd
RF600D RFSOLUTIONS-RF600D Datasheet
430Kb / 24P
   RF / IR Encoder / Decoder Chipset RF Evaluation Boards
logo
SamHop Microelectronics...
SM5032C SAMHOP-SM5032C Datasheet
28Kb / 6P
   DECODER
logo
List of Unclassifed Man...
BT829A ETC-BT829A Datasheet
1Mb / 136P
   VideoStream DECODER
logo
Integral Corp.
ILA8395N INTEGRAL-ILA8395N Datasheet
201Kb / 7P
   SECAM decoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com