データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GNM1M2R71C473MA01 データシート(PDF) 6 Page - Murata Manufacturing Co., Ltd.

部品番号 GNM1M2R71C473MA01
部品情報  CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GNM1M2R71C473MA01 データシート(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button GNM1M2R71C473MA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1.Tape Carrier Packaging(Packaging Code:D/L/J/K)
1.1 Minimum Quantity(pcs./reel)
φ180mm reel
φ330mm reel
Paper Tape
Plastic Tape
Paper Tape
Plastic Tape
Code:D
Code:L
Code:J
Code:K
10000
50000
T:0.5mm
4000
10000
T:0.6mm
4000
10000
T:0.8mm
4000
10000
T:0.6mm
4000
10000
T:0.85mm
4000
10000
T:0.8mm
4000
10000
T:1.0mm
3000
10000
T:1.15mm
3000
10000
1.2 Dimensions of Tape
(1)GNM0M2 Paper Tape
(in:mm)
Code
GNM0M2
A
0.72±0.5
B
1.02±0.5
0.8 max.
Type
GNM02
GNM1M
GNM21
GNM31
Package
GNM Type
*1,2:2.0±0.05
*2
4.0±0.1
0.05以下
*1
φ1.5 +0.1
-0
t
*1,2:2.0±0.05
4.0±0.1
*1
φ1.5
+0.1
-0
t
*2
0.05 max.
JEMCCP-01910
6


同様の部品番号 - GNM1M2R71C473MA01

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GNM1M2R71C104MA01 MURATA-GNM1M2R71C104MA01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R71C104MAA1 MURATA-GNM1M2R71C104MAA1 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R71C223MA01 MURATA-GNM1M2R71C223MA01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
More results

同様の説明 - GNM1M2R71C473MA01

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GNM0M2R60J473ME17 MURATA-GNM0M2R60J473ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61A103ME17 MURATA-GNM0M2R61A103ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61A473ME17 MURATA-GNM0M2R61A473ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61C473ME18 MURATA-GNM0M2R61C473ME18 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R61A105ME17 MURATA-GNM214R61A105ME17 Datasheet
668Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71C104MA01 MURATA-GNM214R71C104MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71C223MA01 MURATA-GNM214R71C223MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71E103MA01 MURATA-GNM214R71E103MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71E222MA01 MURATA-GNM214R71E222MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61C103ME18 MURATA-GNM0M2R61C103ME18 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R60J105ME18 MURATA-GNM0M2R60J105ME18 Datasheet
680Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com