データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EL2244CMZ-T13 データシート(PDF) 9 Page - Renesas Technology Corp

部品番号 EL2244CMZ-T13
部品情報  Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2244CMZ-T13 データシート(HTML) 9 Page - Renesas Technology Corp

Back Button EL2244CMZ-T13 Datasheet HTML 3Page - Renesas Technology Corp EL2244CMZ-T13 Datasheet HTML 4Page - Renesas Technology Corp EL2244CMZ-T13 Datasheet HTML 5Page - Renesas Technology Corp EL2244CMZ-T13 Datasheet HTML 6Page - Renesas Technology Corp EL2244CMZ-T13 Datasheet HTML 7Page - Renesas Technology Corp EL2244CMZ-T13 Datasheet HTML 8Page - Renesas Technology Corp EL2244CMZ-T13 Datasheet HTML 9Page - Renesas Technology Corp EL2244CMZ-T13 Datasheet HTML 10Page - Renesas Technology Corp EL2244CMZ-T13 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EL2244, EL2444
FN7059 Rev 2.00
Page 9 of 11
May 16, 2005
input voltage range reaches 4.2V, and output voltage range
reaches 3.8V with a 5V supply and RL = 500. This results in a
3.5V output swing on a single 5V supply. This wide output
voltage range also allows single-supply operation with a supply
voltage as high as 36V or as low as 2.5V. On a single 2.5V
supply, the EL2244 and EL2444 still have 1V of output swing.
Gain-Bandwidth Product and the -3dB Bandwidth
The EL2244 and EL2444 have a gain-bandwidth product of
120MHz while using only 5.2mA of supply current per amplifier.
For gains greater than 4, their closed-loop -3dB bandwidth is
approximately equal to the gain-bandwidth product divided by
the noise gain of the circuit. For gains less than 4, higher-order
poles in the amplifiers' transfer function contribute to even
higher closed loop bandwidths. For example, the EL2244 and
EL2444 have a -3dB bandwidth of 120MHz at a gain of +1,
dropping to 60MHz at a gain of +2. It is important to note that
the EL2244 and EL2444 have been designed so that this
“extra” bandwidth in low-gain applications does not come at
the expense of stability. As seen in the typical performance
curves, the EL2244 and EL2444 in a gain of +1 only exhibit
1.0dB of peaking with a 1k
 load.
Video Performance
An industry-standard method of measuring the video distortion
of components such as the EL2244 and EL2444 is to measure
the amount of differential gain (dG) and differential phase (dP)
that they introduce. To make these measurements, a
0.286VPP (40 IRE) signal is applied to the device with 0V DC
offset (0 IRE) at either 3.58MHz for NTSC or 4.43MHz for PAL.
A second measurement is then made at 0.714V DC offset (100
IRE). Differential gain is a measure of the change in amplitude
of the sine wave, and is measured in percent. Differential
phase is a measure of the change in phase, and is measured
in degrees.
For signal transmission and distribution, a back-terminated
cable (75
 in series at the drive end, and 75 to ground at the
receiving end) is preferred since the impedance match at both
ends will absorb any reflections. However, when double
termination is used, the received signal is halved; therefore a
gain of 2 configuration is typically used to compensate for the
attenuation.
The EL2244 and EL2444 have been designed as an
economical solution for applications requiring low video
distortion. They have been thoroughly characterized for video
performance in the topology described above, and the results
have been included as typical dG and dP specifications and as
typical performance curves. In a gain of +2, driving 150
, with
standard video test levels at the input, the EL2244 and EL2444
exhibit dG and dP of only 0.04% and 0.15° at NTSC and PAL.
Because dG and dP can vary with different DC offsets, the
video performance of the EL2244 and EL2444 has been
characterized over the entire DC offset range from -0.714V to
+0.714V. For more information, refer to the curves of dG and
dP vs DC Input Offset.
Output Drive Capability
The EL2244 and EL2444 have been designed to drive low
impedance loads. They can easily drive 6VPP into a 150
load. This high output drive capability makes the EL2244 and
EL2444 an ideal choice for RF, IF and video applications.
Furthermore, the current drive of the EL2244 and EL2444
remains a minimum of 35mA at low temperatures.
Printed-Circuit Layout
The EL2244 and EL2444 are well behaved, and easy to apply
in most applications. However, a few simple techniques will
help assure rapid, high quality results. As with any high-
frequency device, good PCB layout is necessary for optimum
performance. Ground-plane construction is highly
recommended, as is good power supply bypassing. A 0.1µF
ceramic capacitor is recommended for bypassing both
supplies. Lead lengths should be as short as possible, and
bypass capacitors should be as close to the device pins as
possible. For good AC performance, parasitic capacitances
should be kept to a minimum at both inputs and at the output.
Resistor values should be kept under 5k
 because of the RC
time constants associated with the parasitic capacitance.
Metal-film and carbon resistors are both acceptable, use of
wire-wound resistors is not recommended because of their
parasitic inductance. Similarly, capacitors should be low-
inductance for best performance.
The EL2244 and EL2444 Macromodel
This macromodel has been developed to assist the user in
simulating the EL2244 and EL2444 with surrounding circuitry.
It has been developed for the PSPICE simulator (copywritten
by the Microsim Corporation), and may need to be rearranged
for other simulators. It approximates DC, AC, and transient
response for resistive loads, but does not accurately model
capacitive loading. This model is slightly more complicated
than the models used for low-frequency op-amps, but it is
much more accurate for AC analysis.
The model does not simulate these characteristics accurately:
•Noise
•Settling time
• Non-linearities
• Temperature effects
• Manufacturing variations
•CMRR
• PSRR
EL2244 and EL244C Macromodel
* Connections: +input
*
|
-input


同様の部品番号 - EL2244CMZ-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
EL2244CMZ-T13 INTERSIL-EL2244CMZ-T13 Datasheet
285Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
More results

同様の説明 - EL2244CMZ-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
ADDtek Corp
AMC2244 ADDTEK-AMC2244 Datasheet
425Kb / 11P
   DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
JUNE 2006
logo
Intersil Corporation
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
   Triple Low-Power 60MHz Unity-Gain Stable Op Amp
logo
Elantec Semiconductor
EL2242C ELANTEC-EL2242C Datasheet
703Kb / 10P
   Dual Fast Single-Supply Unity-Gain Stable Op Amp
logo
Intersil Corporation
EL2044 INTERSIL-EL2044 Datasheet
258Kb / 10P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2044C ELANTEC-EL2044C Datasheet
414Kb / 13P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
logo
National Semiconductor ...
CLC416 NSC-CLC416 Datasheet
167Kb / 6P
   Dual Low-Power, 120MHz Op Amp
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. B
AD841 AD-AD841_15 Datasheet
338Kb / 16P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com