データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4531 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 CD4531
部品情報  HIGH SPEED SILICON SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

CD4531 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  CD4531 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD4531 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
HIGH SPEED SILICON SWITCHING DIODE
CD4531
DO- 35
Glass Axial Package
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Repetitive Peak Reverse Voltage
VRRM
75
V
Continuous Reverse Voltage
VR
75
V
Average Rectified Forward Current
IF (av)
150
mA
Forward Current (DC)
IF
200
mA
Repetitive Peak Forward Current
IFRM
450
mA
Non Repetitive Peak Forward Current t<1
µs
IFSM
2000
mA
t<1 s
IFSM
500
mA
Power Dissipation up to Tamb=25 ºC
Ptot
500
mW
Operating & Storage Junction Temperature
Tj, Tstg
- 65 to +200
ºC
Range
Thermal Resistance
Junction to Ambient Lead Length 5mm
Rth (j-a)
350
K/W
Junction to Tie-Point Lead Length 5mm
Rth (j-t)*
120
K/W
*Device mounted on a printed circuit-board without metallization pad.
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Forward Voltage
VF
IF=10mA
1.0
V
Reverse Current
IR
VR=20V
25
nA
VR=20V, Tj=150º C
50
µA
VR=75V
5.0
µA
Reverse Breakdown Voltage
VBR
IR=100µA
75
V
DYNAMIC CHARACTERISTICS
Diode Capacitance
Cd
VR=0V, f=1MHz
4.0
pF
Forward Recovery Voltage
Vfr
IF=100mA, tr< 30ns
3.0
V
Reverse Recovery Time
trr
IF=10mA, to IR=60mA
4.0
ns
RL=100 Ω
Measured @ IR=1mA
.
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 3


同様の部品番号 - CD4531

メーカー部品番号データシート部品情報
logo
Continental Device Indi...
CD4531 CDIL-CD4531 Datasheet
232Kb / 3P
   HIGH SPEED SILICON SWITCHING DIODE
More results

同様の説明 - CD4531

メーカー部品番号データシート部品情報
logo
Continental Device Indi...
CD4531 CDIL-CD4531 Datasheet
232Kb / 3P
   HIGH SPEED SILICON SWITCHING DIODE
logo
Zetex Semiconductors
BAS19 ZETEX-BAS19 Datasheet
35Kb / 2P
   SILICON HIGH SPEED SWITCHING DIODE
logo
Central Semiconductor C...
CMSD4448 CENTRAL-CMSD4448_15 Datasheet
469Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODE
CMPD914E CENTRAL-CMPD914E_15 Datasheet
469Kb / 2P
    HIGH SPEED SILICON SWITCHING DIODE
logo
TRANSYS Electronics Lim...
1N4150 TEL-1N4150 Datasheet
128Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODE
logo
Continental Device Indi...
1N914 CDIL-1N914 Datasheet
227Kb / 3P
   HIGH SPEED SILICON SWITCHING DIODE
1N4148 CDIL-1N4148 Datasheet
180Kb / 4P
   HIGH SPEED SILICON SWITCHING DIODE
1N4150 CDIL-1N4150 Datasheet
223Kb / 3P
   HIGH SPEED SILICON SWITCHING DIODE
logo
Siemens Semiconductor G...
BAR74 SIEMENS-BAR74 Datasheet
107Kb / 4P
   Silicon Switching Diode (For high-speed switching)
BAR99 SIEMENS-BAR99 Datasheet
96Kb / 4P
   Silicon Switching Diode (For high-speed switching)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com