データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA28F800CV-B60 データシート(PDF) 10 Page - Intel Corporation

部品番号 TPA28F800CV-B60
部品情報  2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

TPA28F800CV-B60 データシート(HTML) 10 Page - Intel Corporation

Back Button TPA28F800CV-B60 Datasheet HTML 6Page - Intel Corporation TPA28F800CV-B60 Datasheet HTML 7Page - Intel Corporation TPA28F800CV-B60 Datasheet HTML 8Page - Intel Corporation TPA28F800CV-B60 Datasheet HTML 9Page - Intel Corporation TPA28F800CV-B60 Datasheet HTML 10Page - Intel Corporation TPA28F800CV-B60 Datasheet HTML 11Page - Intel Corporation TPA28F800CV-B60 Datasheet HTML 12Page - Intel Corporation TPA28F800CV-B60 Datasheet HTML 13Page - Intel Corporation TPA28F800CV-B60 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
2-MBIT SmartVoltage BOOT BLOCK FAMILY
E
10
SEE NEW DESIGN RECOMMENDATIONS
28F200
Boot Block
48-Lead TSOP
12 mm x 20 mm
TOP VIEW
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
25
26
27
28
29
30
31
32
CE#
OE#
GND
A0
VCC
GND
BYTE#
A16
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
DQ11
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
DQ3
CE#
OE#
GND
A0
VCC
GND
BYTE#
A16
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ 4
DQ11
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
DQ3
CE#
OE#
GND
A0
VCC
GND
BYTE#
A16
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
DQ11
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
DQ3
28F400
28F800
28F400
28F800
1
RP#
WE#
NC
NC
NC
WP#
A15
A14
A13
A12
A11
A10
A9
A8
VPP
A17
A6
A7
A4
A5
A3
A2
A
RP#
WE#
NC
NC
NC
WP#
A15
A14
A13
A12
A11
A10
A9
A8
VPP
A6
A7
A4
A5
A3
A2
A
RP#
WE#
NC
NC
NC
WP#
A18
A15
A14
A13
A12
A11
A10
A9
A8
VPP
A17
A6
A7
A4
A5
A3
A2
A
NC
NC
NC
0530_05
Figure 5. The 48-Lead TSOP Offers the Smallest Form Factor for x16 Operation
28F200
Boot Block
56-Lead TSOP
14 mm x 20 mm
TOP VIEW
28
27
26
25
24
23
22
21
20
19
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
A1
A2
A3
RP#
WE#
A15
A7
A6
A5
A4
A14
A13
A8
A9
A11
A12
NC
VPP
NC
NC
NC
NC
NC
NC
A10
WP#
NC
NC
A1
A2
A3
RP#
WE#
A15
A7
A6
A5
A4
A14
A13
A8
A9
A11
A12
NC
VPP
NC
NC
NC
NC
NC
NC
A10
WP#
NC
DQ7
CE#
OE#
GND
A0
DQ6
DQ5
DQ4
DQ2
DQ1
DQ0
VCC
VCC
DQ3
GND
NC
NC
DQ9
DQ10
DQ11
DQ8
BYTE#
DQ15/A-1
DQ14
DQ13
DQ12
A16
NC
28F400
28F400
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
32
31
30
29
33
34
35
36
37
38
39
40
DQ7
CE#
OE#
GND
A0
DQ6
DQ5
DQ4
DQ2
DQ1
DQ0
VCC
VCC
DQ3
GND
NC
NC
DQ9
DQ10
DQ11
DQ8
BYTE#
DQ15/A-1
DQ14
DQ13
DQ12
A16
NC
A 17
0530_06
Figure 6. The 56-Lead TSOP Offers Compatibility between 2 and 4 Mbits


同様の部品番号 - TPA28F800CV-B60

メーカー部品番号データシート部品情報
logo
Toppower Electronic Tec...
TPA2 TOPPOWER-TPA2 Datasheet
182Kb / 3P
   1W Isolated Single and Dual Output DC/DC Converters
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
53Kb / 5P
   TRISIL
TPA200 STMICROELECTRONICS-TPA200 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
logo
Galaxy Semi-Conductor H...
TPA200 BILIN-TPA200 Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results

同様の説明 - TPA28F800CV-B60

メーカー部品番号データシート部品情報
logo
Intel Corporation
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Sharp Corporation
LH28F002SCH SHARP-LH28F002SCH Datasheet
3Mb / 43P
   2-MBIT(256KBx8) SmartVoltage Flash MEMORY
logo
Intel Corporation
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
logo
Integrated Silicon Solu...
IS28F020BLV ISSI-IS28F020BLV Datasheet
1Mb / 39P
   262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
IS28F004BLV ISSI-IS28F004BLV Datasheet
1Mb / 39P
   524,288 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
logo
Intel Corporation
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com