データシートサーチシステム |
|
ES2839S データシート(PDF) 1 Page - List of Unclassifed Manufacturers |
|
ES2839S データシート(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 4 page ESS Technology, Inc. SAM0341-041101 1 ESS Technology, Inc. ES2839/ES2840 V.90/V.92 PCI HSP Modem Solution Product Brief DESCRIPTION The ES2839/ES2840 is a high-performance, two-chip, host- based modem solution that delivers high connectivity and throughput, using a solid-state DAA instead of a traditional transformer DAA. The chipset consists of the ES2839 TeleDrive ® modem chip and the ES2840, its accompanying high-voltage, solid-state DAA device. Together, the ES2839 and ES2840 devices comprise a very low-cost modem solution for add-in cards, desktops, and notebooks. The ES2839 modem is capable of send/receive data and fax, supports telephone answering machine (TAM), and is capable of data/fax/voice call discrimination. With its built-in ACPI and D3cold wake-on-ring support, the ES2839, plus the ES2840, forms an ideal modem solution for notebooks and battery- operated devices. The ES2839 includes a PCI bus interface, codec, and low- voltage, solid-state DAA. It also includes ADC and DAC conversions of modem/voice signal data and provides the interface and control logic needed to transfer data between its serial I/O terminals and the PCI interface. The ES2840, the high-voltage DAA device, handles the line- monitoring and filtering functions, while also protecting the signaling characteristics, performing all AC and DC functions, and interfacing with the line side of tip and ring operations. The ES2839/2840 modem solution meets all requirements for Microsoft WHQL certification, as well as V.250, V.251, and V.253 commands The ES2839 is available in a 100-pin low-profile quad flat pack (LQFP) package. The ES2840 is available in an industry- standard 20-pin super small outline pack (SSOP) package. FEATURES • V.90/V.92 analog data/fax/TAM modem • Data mode capabilities: —– V.90/V.92: 56 kbps —– ITU-T V.34: 33.6 kbps and fallbacks • Fax mode capabilities: —– ITU-T V.17, V.29, V.27ter, and V.21ch2 —– Group 3 (TIA/EIA-578 Class 1 and Class 2) • Requires minimum 166-MHz Pentium with MMX technology • PC99/PC2001-compliant with support for V.250, V.251, and V.253 commands • V.80 (H.324 software-stack-compatible) • Buzzer generator feature generates oscillation on handshaking • Caller ID • Data/fax/voice call discrimination • Worldwide homologation • Compliant with ACPI 1.0 and PCI Power Management Interface 1.0, supporting the D3cold wake-on-ring • 16-bit ADC and DAC with built-in anti-aliasing and reconstruction filters • Separate analog (5V) and digital (3.3V with 5V tolerance for digital circuits) power supplies • Internal PLL, requiring a lower frequency crystal for 18.816-MHz input • EEPROM interface for subsystem vendor ID • Supports Microsoft Windows ™ Unimodem V and TAPI specifications • Supports Microsoft Windows 98/SE/ME/2000 • Supports Microsoft Windows NT 4.0 SYSTEM BLOCK DIAGRAM Figure 1 shows the ES2839/ES2840 system block diagram. Figure 1 ES2839/ES2840 System Block Diagram EEPROM PCI I/F ES2839 HSP MODEM PHONE LINE BUS PCI AND MINI PCI VOLTAGE DAA ES2840 HIGH- XTAL MC‘97 LOW-VOLTAGE EEPROM I/F CODEC DAA |
同様の部品番号 - ES2839S |
|
同様の説明 - ES2839S |