データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL0661 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 HCPL0661
部品情報  High Speed-10 MBit/s Logic Gate Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0661 データシート(HTML) 1 Page - Fairchild Semiconductor

  HCPL0661 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0661 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0661 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0661 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0661 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0661 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0661 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0661 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0661 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
July 2005
HCPL0600, HCPL0601, HCPL0611, HCPL0630, HCPL0631, HCPL0661 Rev. 1.0.1
HCPL0600, HCPL0601, HCPL0611,
HCPL0630, HCPL0631, HCPL0661
High Speed-10 MBit/s Logic Gate Optocouplers
Single Channel: HCPL0600, HCPL0601, HCPL0611
Dual Channel: HCPL0630, HCPL0631, HCPL0661
Features
■ Compact SO8 package
■ Very high speed-10 MBit/s
■ Superior CMR
■ Fan-out of 8 over -40°C to +85°C
■ Logic gate output
■ Strobable output (single channel devices)
■ Wired OR-open collector
■ U.L. recognized (File # E90700)
■ VDE approval pending
Applications
■ Ground loop elimination
■ LSTTL to TTL, LSTTL or 5-volt CMOS
■ Line receiver, data transmission
■ Data multiplexing
■ Switching power supplies
■ Pulse transformer replacement
■ Computer-peripheral interface
Description
The HCPL06XX optocouplers consist of an AlGaAS LED, opti-
cally coupled to a very high speed integrated photo-detector
logic gate with a strobable output (single channel devices). The
devices are housed in a compact small-outline package. This
output features an open collector, thereby permitting wired OR
outputs. The HCPL0600 and HCPL0601 output consists of
bipolar transistors on a bipolar process while the HCPL0611,
HCPL0630 and HCPL0631 output consists of bipolar transistors
on a CMOS process for reduced power consumption. The cou-
pled parameters are guaranteed over the temperature range of -
40°C to +85°C. A maximum input signal of 5 mA will provide a
minimum output sink current of 13 mA (fan out of 8). An internal
noise shield provides superior common mode rejection.
Package Dimensions
Lead Coplanarity : 0.004 (0.10) MAX
0.202 (5.13)
Pin 1
0.019 (0.48)
0.182 (4.63)
0.021 (0.53)
0.011 (0.28)
0.050 (1.27)
TYP
0.244 (6.19)
0.224 (5.69)
0.143 (3.63)
0.123 (3.13)
0.008 (0.20)
0.003 (0.08)
0.010 (0.25)
0.006 (0.16)
0.164 (4.16)
0.144 (3.66)
NOTE
All dimensions are in inches (millimeters)


同様の部品番号 - HCPL0661

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
616Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
414Kb / 18P
   The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

同様の説明 - HCPL0661

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com