データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NBSG53ABA データシート(PDF) 2 Page - ON Semiconductor

部品番号 NBSG53ABA
部品情報  2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG53ABA データシート(HTML) 2 Page - ON Semiconductor

  NBSG53ABA Datasheet HTML 1Page - ON Semiconductor NBSG53ABA Datasheet HTML 2Page - ON Semiconductor NBSG53ABA Datasheet HTML 3Page - ON Semiconductor NBSG53ABA Datasheet HTML 4Page - ON Semiconductor NBSG53ABA Datasheet HTML 5Page - ON Semiconductor NBSG53ABA Datasheet HTML 6Page - ON Semiconductor NBSG53ABA Datasheet HTML 7Page - ON Semiconductor NBSG53ABA Datasheet HTML 8Page - ON Semiconductor NBSG53ABA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NBSG53A
http://onsemi.com
2
VTD
CLK
CLK
VTCLK
VCC
R
VTCLK
D
D
VTD
VCC
VEE
SEL
OLS
Q
Q
A
B
C
D
12
3
4
Figure 1. BGA−16 Pinout (Top View)
VTD
D
D
VTD
VCC
R
SEL OLS
VEE
Q
Q
VCC
VTCLK
CLK
CLK
VTCLK
56
7
8
16
15
14
13
12
11
10
9
1
2
3
4
NBSG53A
Exposed Pad
(EP)
Figure 2. QFN−16 Pinout (Top View)
Table 1. Pin Description
Pin
BGA
QFN
Name
I/O
Description
C2
1
VTCLK
Internal 50
W Termination Pin. See Table 4.
C1
2
CLK
ECL, CML,
LVCMOS,
LVDS, LVTTL
Input
Inverted Differential Input.
B1
3
CLK
ECL, CML,
LVCMOS,
LVDS, LVTTL
Input
Noninverted Differential Input.
B2
4
VTCLK
Internal 50
W Termination Pin. See Table 4.
A1
5
VTD
Internal 50
W termination pin. See Table 4.
A2
6
D
ECL, CML,
LVCMOS,
LVDS, LVTTL
Input
Inverted Differential Input.
A3
7
D
ECL, CML,
LVCMOS,
LVDS, LVTTL
Input
Noninverted Differential Input.
A4
8
VTD
Internal 50
W Termination Pin. See Table 4.
D1,B3
9,16
VCC
Positive Supply Voltage
B4
10
Q
RSECL Output
Inverted Differential Output. Typically Terminated with 50
W Resistor to
VTT = VCC − 2 V.
C4
11
Q
RSECL Output
Noninverted Differential Output. Typically Terminated with 50
W Resistor to
VTT = VCC − 2 V.
C3
12
VEE
Negative Supply Voltage
D4
13
OLS*
Input
Input Pin for the Output Level Select (OLS). See Table 2.
D3
14
SEL
LVECL,
LVCMOS,
LVTTL Input
Select Logic Input. Internal 75 k
W to VEE.
D2
15
R
LVECL,
LVCMOS,
LVTTL Input
Reset D Flip−Flop. Internal 75 k
W to VEE.
N/A
EP
Exposed Pad. (Note 1)
1. All VCC and VEE pins must be externally connected to Power Supply to guarantee proper operation. The thermally exposed pad (EP) on
package bottom (see case drawing) must be attached to a heat−sinking conduit.
2. In the differential configuration when the input termination pins (VTD, VTD, VTCLK, VTCLK) are connected to a common termination volt-
age, and if no signal is applied then the device will be susceptible to self−oscillation.
3. When an output level of 400 mV is desired and VCC − VEE > 3.0 V, 2KW resistor should be connected from OLS pin to VEE.


同様の部品番号 - NBSG53ABA

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBSG53ABA ONSEMI-NBSG53ABA Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53ABAEVB ONSEMI-NBSG53ABAEVB Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53ABAR2 ONSEMI-NBSG53ABAR2 Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
More results

同様の説明 - NBSG53ABA

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBSG53A ONSEMI-NBSG53A_06 Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53A ONSEMI-NBSG53A_14 Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP51V MICREL-SY10EP51V Datasheet
498Kb / 7P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL29 ONSEMI-MC100LVEL29 Datasheet
114Kb / 3P
   Dual Differential Data and Clock D Flip-Flop With Set and Reset
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com