データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST180S04P0V データシート(PDF) 7 Page - International Rectifier

部品番号 ST180S04P0V
部品情報  PHASE CONTROL THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

ST180S04P0V データシート(HTML) 7 Page - International Rectifier

  ST180S04P0V Datasheet HTML 1Page - International Rectifier ST180S04P0V Datasheet HTML 2Page - International Rectifier ST180S04P0V Datasheet HTML 3Page - International Rectifier ST180S04P0V Datasheet HTML 4Page - International Rectifier ST180S04P0V Datasheet HTML 5Page - International Rectifier ST180S04P0V Datasheet HTML 6Page - International Rectifier ST180S04P0V Datasheet HTML 7Page - International Rectifier ST180S04P0V Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ST180S Series
7
Bulletin I25165 rev. C 03/03
www.irf.com
2000
2400
2800
3200
3600
4000
4400
4800
110
100
Numb er Of Eq ual Amp litud e Half Cyc le Current Pulses (N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
ST180SSeries
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
2000
2500
3000
3500
4000
4500
5000
5500
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration. Control
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
ST180SSeries
Maximum Non Repetitive Surge Current
Of Conduc tion May Not Be Maintained.
100
1000
10000
0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
ST180SSeries
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
ST180SSeries
Steady State Value
R
= 0.105 K/ W
(DC Operation)
thJC
Fig. 8 - Thermal Impedance Z
thJC
Characteristic
Fig. 7 - On-state Voltage Drop Characteristics


同様の部品番号 - ST180S04P0V

メーカー部品番号データシート部品情報
logo
International Rectifier
ST180S04P0V IRF-ST180S04P0V Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST180S04P0VL IRF-ST180S04P0VL Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
More results

同様の説明 - ST180S04P0V

メーカー部品番号データシート部品情報
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com