データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT2G32DC データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74AHCT2G32DC
部品情報  Dual 2-input OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT2G32DC データシート(HTML) 5 Page - NXP Semiconductors

  74AHCT2G32DC Datasheet HTML 1Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 2Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 3Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 4Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 5Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 6Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 7Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 8Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
9397 750 12532
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 23 February 2004
5 of 16
Philips Semiconductors
74AHC2G32; 74AHCT2G32
Dual 2-input OR gate
11. Static characteristics
tr,tf
input rise and fall
times
VCC = 3.3 V ± 0.3 V
-
-
100
ns/V
VCC =5V ± 0.5 V
-
-
20
ns/V
Type 74AHCT2G
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
operating ambient
temperature
see Section 11 and Section 12
per device
−40
+25
+125
°C
tr,tf
input rise and fall
times
VCC =5V ± 0.5 V
-
-
20
ns/V
Table 7:
Recommended operating operations …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 8:
Static characteristics type 74AHC2G32
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 °C
VIH
HIGH-level input
voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 3.0 V
2.1
-
-
V
VCC = 5.5 V
3.85
-
-
V
VIL
LOW-level input
voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 3.0 V
-
-
0.9
V
VCC = 5.5 V
-
-
1.65
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −50 µA; VCC = 2.0 V
1.9
2.0
-
V
IO = −50 µA; VCC = 3.0 V
2.9
3.0
-
V
IO = −50 µA; VCC = 4.5 V
4.4
4.5
-
V
IO = −4.0 mA; VCC = 3.0 V
2.58
-
-
V
IO = −8.0 mA; VCC = 4.5 V
3.94
-
-
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO =50 µA; VCC = 2.0 V
-
0
0.1
V
IO =50 µA; VCC = 3.0 V
-
0
0.1
V
IO =50 µA; VCC = 4.5 V
-
0
0.1
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.36
V
IO = 8.0 mA; VCC = 4.5 V
-
-
0.36
V
ILI
input leakage current
VI =VCC or GND; VCC = 5.5 V
-
-
0.1
µA
ICC
quiescent supply
current
VI =VCC or GND; IO =0A;
VCC = 5.5 V
-
-
1.0
µA
CI
input capacitance
-
1.5
10
pF


同様の部品番号 - 74AHCT2G32DC

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCT2G32DC NXP-74AHCT2G32DC Datasheet
90Kb / 13P
   Dual 2-input OR gate
Rev. 02-20 January 2009
logo
Nexperia B.V. All right...
74AHCT2G32DC NEXPERIA-74AHCT2G32DC Datasheet
211Kb / 11P
   Dual 2-input OR gate
Rev. 4 - 18 December 2018
74AHCT2G32DC-Q100 NEXPERIA-74AHCT2G32DC-Q100 Datasheet
212Kb / 11P
   Automotive product qualification in accordance with AEC-Q100
74AHCT2G32DC-Q100 NEXPERIA-74AHCT2G32DC-Q100 Datasheet
211Kb / 11P
   Dual 2-input OR gate
Rev. 3 - 18 December 2018
More results

同様の説明 - 74AHCT2G32DC

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
   DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
   Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
   Dual 2-input OR Gate
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
   DUAL 2-INPUT OR GATE
logo
Nexperia B.V. All right...
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
   Dual 2-input OR gate
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
   Dual 2-input OR gate
Rev. 15 - 23 June 2022
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F Datasheet
201Kb / 6P
   DUAL 2-INPUT OR GATE
TC7WH32FU TOSHIBA-TC7WH32FU Datasheet
195Kb / 6P
   DUAL 2-INPUT OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com