データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST2100C30R3 データシート(PDF) 2 Page - International Rectifier

部品番号 ST2100C30R3
部品情報  PHASE CONTROL THYRISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

ST2100C30R3 データシート(HTML) 2 Page - International Rectifier

  ST2100C30R3 Datasheet HTML 1Page - International Rectifier ST2100C30R3 Datasheet HTML 2Page - International Rectifier ST2100C30R3 Datasheet HTML 3Page - International Rectifier ST2100C30R3 Datasheet HTML 4Page - International Rectifier ST2100C30R3 Datasheet HTML 5Page - International Rectifier ST2100C30R3 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ST2100C..R Series
2
Bulletin I25198 rev. B 02/00
www.irf.com
Voltage
V
DRM
/V
RRM
, max. repetitive
V
RSM
, maximum non-
I
DRM
/I
RRM
max.
Type number
Code
peak and off-state voltage
repetitive peak voltage
@ T
C
= 125°C
VV
mA
30
3000
3100
32
3200
3300
34
3400
3500
36
3600
3700
38
3800
3900
40
4000
4100
42
4200
4300
ELECTRICAL SPECIFICATIONS
Voltage Ratings
I
T(AV)
Max. average on-state current
1770 (1150)
A
@ Case temperature
80
°C
I
T(AV)
Max. average on-state current
2090 (940)
A
@ Heatsink temperature
55 (85)
°C
I
T(RMS)
Max. RMS on-state current
3850
A
DC @ 25°C heatsink temperature double side cooled
I
TSM
Max. peak, one-cycle
No voltage
non-repetitive surge current
reapplied
50% V
RRM
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
No voltage
Initial T
C = 125°C
reapplied
50% V
RRM
reapplied
V
T(TO)
Max. value of threshold voltage
1.03
V
T
J
= T
J
max.
r
t
Max. value of on-state slope
resistance
V
TM
Max. on-state voltage
1.875
V
I
pk
= 2900A, T
C
= 25°C
I
L
Typical latching current
300
mA
T
J = 25° C, VD = 5V
Parameter
ST2100C..R
Units
Conditions
On-state Conduction
A
KA
2s
0.32
T
J
= T
J
max.
m
180° conduction, half sine wave
double side (single side [anode side]) cooled
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
36250
38000
29000
30350
6570
5990
4205
3820
Parameter
ST2100C..R
Units Conditions
150 (300)
A/µs
µs
t
q
Typical turn-off time
500
di/dt
Max. repetitive 50Hz (no repetitive)
From 67% V
DRM to 1000A gate drive 20V, 10Ω, t
r =
0.5µs
rate of rise of turned-on current
T
J = TJ max.
Gate drive 30V, 15
Ω, V
d
= 67% V
DRM, TJ = 25°C
Rise time 0.5µs
I
T
= 1000A, t
p
= 1ms, T
J
= T
J
max, V
RM
= 50V,
dI
RR/dt = 2A/µs, VDR = 67% VDRM, dVDR/dt = 8V/µs linear
Switching
t
d
Maximum delay time
2.5
ST2100C..R
250


同様の部品番号 - ST2100C30R3

メーカー部品番号データシート部品情報
logo
International Rectifier
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100CR IRF-ST2100CR Datasheet
76Kb / 6P
   Double side cooling
More results

同様の説明 - ST2100C30R3

メーカー部品番号データシート部品情報
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com