データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST2100C30R3 データシート(PDF) 5 Page - International Rectifier

部品番号 ST2100C30R3
部品情報  PHASE CONTROL THYRISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

ST2100C30R3 データシート(HTML) 5 Page - International Rectifier

  ST2100C30R3 Datasheet HTML 1Page - International Rectifier ST2100C30R3 Datasheet HTML 2Page - International Rectifier ST2100C30R3 Datasheet HTML 3Page - International Rectifier ST2100C30R3 Datasheet HTML 4Page - International Rectifier ST2100C30R3 Datasheet HTML 5Page - International Rectifier ST2100C30R3 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ST2100C..R Series
5
www.irf.com
Bulletin I25198 rev. B 02/00
Fig.5 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3- On-state Power Loss Characteristics
Fig. 4- On-state VoltageDrop Characteristics
Fig. 6 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Average On-state Current (A)
Average On-state Current (A)
Average On-state Current (A)
Average On-state Voltage (V)
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Pulse Train Duration (s)
20
30
40
50
60
70
80
90
100
110
120
130
0
500
1000
1500
2000
2500
60˚
120˚
180˚
Conduction Angle
ST2100C..R Series
(Single Side Cooled)
R
(DC) = 0.023 K/W
thJ-hs
DC
20
30
40
50
60
70
80
90
100
110
120
130
0
1000
2000
3000
4000
60˚
120˚
180˚
Conduction Angle
DC
ST2100C..R Series
(Double Side Cooled)
R
(DC) = 0.0115 K/W
thJ-hs
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
0
1000
2000
3000
4000
RMS Limit
Conduction Angle
DC
180˚
120˚
60˚
ST2100C..R Series
T = 125˚C
J
100
1000
10000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
T = 125˚C
J
ST2100C..R Series
5000
10000
15000
20000
25000
30000
35000
1
10
100
ST2100C..R Series
At Any Rated Load Condition And With
50% Rated V
Applied Following Surge
Initial T = 125˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
RRM
J
25000
30000
35000
40000
45000
50000
55000
60000
110
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Maximum Non Repetitive Surge Current
50% Rated V
Reapplied
RRM
Initial T = 125˚C
J
ST2100C..R Series


同様の部品番号 - ST2100C30R3

メーカー部品番号データシート部品情報
logo
International Rectifier
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100CR IRF-ST2100CR Datasheet
76Kb / 6P
   Double side cooling
More results

同様の説明 - ST2100C30R3

メーカー部品番号データシート部品情報
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com