データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC-228 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 ADC-228
部品情報  8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

ADC-228 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  ADC-228 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC-228 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC-228 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC-228 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
®
®
ADC-228
Table 2. ADC-228 Bipolar Output Coding
(Assumes analog input is externally offset)
TECHNICAL NOTES
1. Rated performance requires using good high-frequency
techniques. The analog and digital ground pins are
connected to each other internally. Avoid ground related
problems by connecting the grounds to one point, the
ground plane beneath the converter. Due to the inductance
and resistance of the power supply return paths, return the
analog and digital ground separately to the power supplies.
2. Bypass all the analog and digital supplies and the +5V
REFERENCE (pin 3) to ground with a 4.7µF, 25V tantalum
electrolytic capacitor in parallel with a 0.1µF ceramic
capacitor.
3. DATEL uses conservative definitions when specifying
integral linearity (end-point) and differential linearity (code
transition). The specifications using the less conservative
definitions have also been provided as a comparative
specification for products specified this way.
4. Single conversions (one-shot mode) would require another
clock edge to read out data. Users desiring to provide just
a single clock pulse could use the circuit shown in Figure 2
to obtain the data.
STRAIGHT BIN.
COMP. BIN.
ANALOG
NMINV = 0
NMINV = 1
INPUT
CODE
NLINV = 0
NLINV = 1
+4.96V
+FS – 1 LSB
1111 1110
0000 0001
+3.75V
+ 3/4 FS
1100 0000
0011 1111
+2.50V
+ 1/2 FS
1000 0000
0111 1111
+1.25V
+ 1/4 FS
0100 0000
1011 1111
+0.02V
+ 1 LSB
0000 0001
1111 1110
0.00V
ZERO
0000 0000
1111 1111
Table 1. ADC-228 Unipolar Output Coding
TWO’S
COMP.
COMP.
TWO’S COMP.
ANALOG
NMINV = 1
NMINV = 0
INPUT
CODE
NLINV = 0
NLINV = 1
+2.480V
+FS – 1 LSB
0111 1111
1000 0000
+1.250V
+1/2 FS
0100 0000
1011 1111
+0.020V
+1 LSB
0000 0001
1111 1110
+0.000V
ZERO
0000 0000
1111 1111
–1.250V
–1/2 FS
1100 0000
0011 1111
–2.480V
–FS + 1 LSB
1000 0001
0111 1110
–2.500V
–FS
1000 0000
0111 1111
CLOCK
OUT
74HC86
CLOCK
IN
100pF
50ns
40ns
25ns
PULSES
DATA N
SAMPLED
DATA N
VALID
250
Figure 3. ADC-228 Typical Connections
Figure 2. ADC-228 Single Clock Pulse
Circuit and Operation
24
23
B8 (LSB)
B7
9k
51
19
VIN 5
+15V
*Optional
+
2, 4, 6, 7
+5V REFERENCE OUT
NO CONNECTION
3
13, 20
22
B6
21
B5
17
B4
16
B3
CS1 12
CLOCK 18
ANALOG
INPUT
15
B2
14
+
+
B1 (MSB)
4.7µF
NLINV 8
NMINV 9
0.1µF
10
1
–15V
+5V
CS1 11
* Use optional resistor only if
amp is not used to drive input.
ADC-228
+
0.1µF
0.1µF
0.1µF
4.7µF
4.7µF
4.7µF
EE
R = V
/1.667mA
3


同様の部品番号 - ADC-228

メーカー部品番号データシート部品情報
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
ADC-228A/883 MURATA-PS-ADC-228A/883 Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
logo
DATEL, Inc.
ADC-228A/883 DATEL-ADC-228A/883 Datasheet
103Kb / 1P
   CMOS Flash A/D
ADC-228A883 DATEL-ADC-228A883 Datasheet
103Kb / 1P
   CMOS Flash A/D
logo
Murata Power Solutions ...
ADC-228AMC MURATA-PS-ADC-228AMC Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
More results

同様の説明 - ADC-228

メーカー部品番号データシート部品情報
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
logo
Texas Instruments
ADC1175 TI1-ADC1175_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
logo
Fujitsu Component Limit...
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 20MHz)
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
Analog Devices
AD570 AD-AD570_17 Datasheet
850Kb / 9P
   Complete 8-Bit A-to-D Converter
AD570 AD-AD570 Datasheet
312Kb / 8P
   Complete 8-Bit A-to-D Converter
REV. A
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
ADS-325A MURATA-PS-ADS-325A Datasheet
145Kb / 8P
   10-Bit, 20MHz Sampling A/D Converter
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com