データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC-228MM データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 ADC-228MM
部品情報  8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

ADC-228MM データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  ADC-228MM Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC-228MM Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC-228MM Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC-228MM Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
• 8-Bit flash A/D converter
• 20MHz sampling rate
• Complete support circuitry
• Low power, 1.5W
• 7MHz full power bandwidth
• Sample-hold not required
• Three-state outputs
• MIL-STD-883 versions
GENERAL DESCRIPTION
The ADC-228 combines analog front-end circuitry and a flash
A/D converter to digitize high-speed analog signals at a rate of
20 million samples per second. The ADC-228 contains an
8-bit, 20MHz, flash A/D, a wideband analog input buffer, a
precision voltage reference, temperature compensation
circuitry, reference trims, and a three-state output buffer in a
24-pin package.
The ADC-228 offers significant savings by combining all of the
circuitry in a single package. Valuable board real estate is
saved, and design time and manufacturing costs are reduced.
The ADC-228 is housed in a 24-pin ceramic DDIP package
and is available in the commercial, 0 to +70°C, or military,
–55 to +125°C, temperature ranges. A MIL-STD-883 version
is also available. Operation is from ±15V and +5V power
supplies.
IN N O VA T IO N a n d E X C ELL E N C E
®
®
ADC-228
8-Bit, 20MHz, Complete
Flash A/D Converter
Figure 1. Functional Block Diagram
PIN
FUNCTION
PIN
FUNCTION
1
+5V SUPPLY
24
BIT 8 (LSB)
2
GROUND
23
BIT 7
3
+5V REFERENCE OUT
22
BIT 6
4
GROUND
21
BIT 5
5
ANALOG INPUT
20
NO CONNECTION
6
GROUND
19
+15V SUPPLY
7
GROUND
18
CLOCK INPUT
8
NLINV
17
BIT 4
9
NMINV
16
BIT 3
10
–15V SUPPLY
15
BIT 2
11
CS1
14
BIT 1 (MSB)
12
CS1
13
NO CONNECTION
INPUT/OUTPUT CONNECTIONS
13 NO CONNECTION
20 NO CONNECTION
14 BIT 1 (MSB)
15 BIT 2
16 BIT 3
17 BIT 4
21 BIT 5
22 BIT 6
23 BIT 7
24 BIT 8 (LSB)
3 +5V REF. OUT
TRI-STATE
BUFFER
8-BIT
20MHz
FLASH
CONVERTER
LINEARIZATION
& TEMPERATURE
COMPENSATION
NETWORK
INPUT
BUFFER
CS1 11
CS1 12
NLINV 8
NMINV 9
CLOCK 18
ANALOG INPUT 5
+15V SUPPLY 19
GROUND 4
GROUND 7
GROUND 6
–15V SUPPLY 10
+5V SUPPLY 1
VOLTAGE
REFERENCE
NETWORK
GROUND 2
DATEL, Inc., 11 Cabot Boulevard, Mansfield, MA 02048-1151 (U.S.A.)
• Tel: (508) 339-3000 Fax: (508) 339-6356 • For immediate assistance (800) 233-2765


同様の部品番号 - ADC-228MM

メーカー部品番号データシート部品情報
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
ADC-228A/883 MURATA-PS-ADC-228A/883 Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
logo
DATEL, Inc.
ADC-228A/883 DATEL-ADC-228A/883 Datasheet
103Kb / 1P
   CMOS Flash A/D
ADC-228A883 DATEL-ADC-228A883 Datasheet
103Kb / 1P
   CMOS Flash A/D
logo
Murata Power Solutions ...
ADC-228AMC MURATA-PS-ADC-228AMC Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
More results

同様の説明 - ADC-228MM

メーカー部品番号データシート部品情報
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
logo
Texas Instruments
ADC1175 TI1-ADC1175_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
logo
Fujitsu Component Limit...
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 20MHz)
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
Analog Devices
AD570 AD-AD570_17 Datasheet
850Kb / 9P
   Complete 8-Bit A-to-D Converter
AD570 AD-AD570 Datasheet
312Kb / 8P
   Complete 8-Bit A-to-D Converter
REV. A
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
ADS-325A MURATA-PS-ADS-325A Datasheet
145Kb / 8P
   10-Bit, 20MHz Sampling A/D Converter
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com