データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1302BIPVUA データシート(PDF) 4 Page - Microchip Technology

部品番号 TC1302BIPVUA
部品情報  LOW QUIESCENT CURRENT DUAL OUTPUT LDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1302BIPVUA データシート(HTML) 4 Page - Microchip Technology

  TC1302BIPVUA Datasheet HTML 1Page - Microchip Technology TC1302BIPVUA Datasheet HTML 2Page - Microchip Technology TC1302BIPVUA Datasheet HTML 3Page - Microchip Technology TC1302BIPVUA Datasheet HTML 4Page - Microchip Technology TC1302BIPVUA Datasheet HTML 5Page - Microchip Technology TC1302BIPVUA Datasheet HTML 6Page - Microchip Technology TC1302BIPVUA Datasheet HTML 7Page - Microchip Technology TC1302BIPVUA Datasheet HTML 8Page - Microchip Technology TC1302BIPVUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TC1302A/B
DS21333B-page 4
© 2005 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
Shutdown Supply Current
TC1302A
IIN_SHDNA
—58
90
µA
SHDN2 = GND
Shutdown Supply Current
TC1302B
IIN_SHDNB
0.1
1
µA
SHDN1 = SHDN2 = GND
Power Supply Rejection Ratio
PSRR
58
dB
f
≤ 100 Hz, IOUT1 = IOUT2 = 50 mA,
CIN = 0 µF
Output Noise
eN
830
nV/(Hz)½ f
≤ 1kHz, IOUT1 = IOUT2 = 50 mA,
CIN = 0 µF
Output Short Circuit Current (Average)
VOUT1
IOUTsc1
200
mA
RLOAD1 ≤ 1Ω
VOUT2
IOUTsc2
140
mA
RLOAD2 ≤ 1Ω
SHDN Input High Threshold
VIH
45
——
%VIN
VIN = 2.7V to 6.0V
SHDN Input Low Threshold
VIL
——
15
%VIN
VIN = 2.7V to 6.0V
Wake Up Time (From SHDN
mode), (VOUT2)
tWK
—5.3
20
µs
VIN = 5V, IOUT1 = IOUT2 = 30 mA,
See Figure 5-1
Settling Time (From SHDN mode),
(VOUT2)
tS
—50
µs
VIN = 5V, IOUT1 = IOUT2 = 50 mA,
See Figure 5-2
Thermal Shutdown Die
Temperature
TSD
150
°C
VIN = 5V, IOUT1 = IOUT2 = 100 µA
Thermal Shutdown Hysteresis
THYS
—10
°C
VIN = 5V
Electrical Specifications: Unless otherwise indicated, all limits are specified for: VIN = +2.7V to +6.0V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Junction Temperature Range
TA
-40
+125
°C
Steady State
Storage Temperature Range
TA
-65
+150
°C
Maximum Junction Temperature
TJ
+150
°C
Transient
Thermal Package Resistances
Thermal Resistance, MSOP8
θJA
208
°C/W
Typical 4-Layer Board
Thermal Resistance, DFN8
θJA
41
°C/W
Typical 4-Layer Board with Vias
DC CHARACTERISTICS (Continued)
Electrical Specifications: Unless otherwise noted, VIN = VR +1V, IOUT1 = IOUT2 = 100 µA, CIN = 4.7 µF,
COUT1 = COUT2 = 1 µF, CBYPASS = 10 nF, SHDN > VIH, TA = +25°C.
Boldface type specifications apply for junction temperatures of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note
1:
The minimum VIN has to meet two conditions: VIN ≥ 2.7V and VIN ≥ VR + VDROPOUT.
2:
VR is defined as the higher of the two regulator nominal output voltages (VOUT1 or VOUT2).
3:
TCVOUT = ((VOUTmax - VOUTmin) * 10
6)/(V
OUT * ΔT).
4:
Regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is tested
over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating
effects are covered by the thermal regulation specification.
5:
Thermal regulation is defined as the change in output voltage at a time t after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for t = 10 msec.
6:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2% below its
value measured at a 1V differential.
7:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction to air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation causes the device to initiate thermal shutdown.


同様の部品番号 - TC1302BIPVUA

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1302BIPVUA MICROCHIP-TC1302BIPVUA Datasheet
529Kb / 26P
   Low Quiescent Current Dual Output LDO
2003-2012 10/26/12
More results

同様の説明 - TC1302BIPVUA

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1302A MICROCHIP-TC1302A_13 Datasheet
529Kb / 26P
   Low Quiescent Current Dual Output LDO
2003-2012 10/26/12
logo
Seaward Electronics Inc...
SE8803 SEAWARD-SE8803 Datasheet
547Kb / 7P
   Dual-Output Low Quiescent Current LDO
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
   Low Quiescent Current LDO
2007
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
   Low Quiescent Current LDO
08/20/13
logo
SHANGHAI BELLING CO., L...
BL9152 BELLING-BL9152 Datasheet
202Kb / 4P
   40V Input, 500mA Output Current, Low Dropout, Low Quiescent Current LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com