データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1302BIPVUA データシート(PDF) 6 Page - Microchip Technology

部品番号 TC1302BIPVUA
部品情報  LOW QUIESCENT CURRENT DUAL OUTPUT LDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1302BIPVUA データシート(HTML) 6 Page - Microchip Technology

Back Button TC1302BIPVUA Datasheet HTML 2Page - Microchip Technology TC1302BIPVUA Datasheet HTML 3Page - Microchip Technology TC1302BIPVUA Datasheet HTML 4Page - Microchip Technology TC1302BIPVUA Datasheet HTML 5Page - Microchip Technology TC1302BIPVUA Datasheet HTML 6Page - Microchip Technology TC1302BIPVUA Datasheet HTML 7Page - Microchip Technology TC1302BIPVUA Datasheet HTML 8Page - Microchip Technology TC1302BIPVUA Datasheet HTML 9Page - Microchip Technology TC1302BIPVUA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TC1302A/B
DS21333B-page 6
© 2005 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = VR +1V, IOUT1 = IOUT2 = 100 µA, CIN = 4.7 µF, COUT1 = COUT2 = 1 µF (X5R or X7R),
CBYPASS = 0 pF, SHDN1 = SHDN2 > VIH, TA = +25°C.
FIGURE 2-7:
Dropout Voltage vs.
Junction Temperature (VOUT1).
FIGURE 2-8:
Dropout Voltage vs. Output
Current (VOUT2).
FIGURE 2-9:
Dropout Voltage vs.
Junction Temperature (VOUT2).
FIGURE 2-10:
VOUT1 and VOUT2 Load
Regulation vs. Junction Temperature.
FIGURE 2-11:
VOUT1 and VOUT2 Line
Regulation vs. Junction Temperature.
FIGURE 2-12:
VOUT1 vs. Junction
Temperature.
0
20
40
60
80
100
120
140
-40 -25 -10
5
20 35 50 65 80 95 110 125
Junction Temperature (°C)
VR1 = 2.8V
VR2 = 2.6V
IOUT2 = 100 µA
IOUT1 = 300 mA
IOUT1 = 100 mA
IOUT1 = 50 mA
0
20
40
60
80
100
120
140
160
180
0
30
60
90
120
150
I
OUT2 (mA)
VR1 = 2.8V
VR2 = 2.6V
IOUT1 = 100 µA
TJ = +125°C
TJ = +25°C
TJ = - 40°C
0
20
40
60
80
100
120
140
160
180
-40 -25 -10
5
20 35 50 65 80 95 110 125
Junction Temperature (°C)
VR1 = 2.8V
VR2 = 2.6V
IOUT1 = 100 µA
IOUT2 = 150 mA
IOUT2 = 50 mA
IOUT2 = 10 mA
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
-40 -25 -10
5
20
35
50
65
80
95 110 125
Junction Temperature (125°C)
IOUT2 = 0.1 mA to 150 mA
IOUT1 = 0.1 mA to 300 mA
VR1 = 2.8V
VR2 = 2.6V
VIN = 4.2
VOUT2
VOUT1
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
-40 -25 -10
5
20 35 50 65 80 95 110 125
Junction Temperature (°C)
VIN = 3.8V to 6.0V
VR1 = 2.8V, IOUT1 = 100 µA
VR2 = 2.6V, IOUT2 = 100 µA
VOUT1
VOUT2
2.808
2.812
2.816
2.820
2.824
2.828
2.832
-40 -25 -10
5
20 35 50 65 80 95 110 125
Junction Temperature (°C)
VIN = 4.2V
VR1 = 2.8V
VR2 = 2.6V, IOUT2 = 100 µA
IOUT1 = 300 mA
IOUT1 = 100 µA
IOUT1 = 100 mA


同様の部品番号 - TC1302BIPVUA

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1302BIPVUA MICROCHIP-TC1302BIPVUA Datasheet
529Kb / 26P
   Low Quiescent Current Dual Output LDO
2003-2012 10/26/12
More results

同様の説明 - TC1302BIPVUA

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1302A MICROCHIP-TC1302A_13 Datasheet
529Kb / 26P
   Low Quiescent Current Dual Output LDO
2003-2012 10/26/12
logo
Seaward Electronics Inc...
SE8803 SEAWARD-SE8803 Datasheet
547Kb / 7P
   Dual-Output Low Quiescent Current LDO
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
   Low Quiescent Current LDO
2007
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
   Low Quiescent Current LDO
08/20/13
logo
SHANGHAI BELLING CO., L...
BL9152 BELLING-BL9152 Datasheet
202Kb / 4P
   40V Input, 500mA Output Current, Low Dropout, Low Quiescent Current LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com