データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1302BDTVMFTR データシート(PDF) 10 Page - Microchip Technology

部品番号 TC1302BDTVMFTR
部品情報  LOW QUIESCENT CURRENT DUAL OUTPUT LDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1302BDTVMFTR データシート(HTML) 10 Page - Microchip Technology

Back Button TC1302BDTVMFTR Datasheet HTML 6Page - Microchip Technology TC1302BDTVMFTR Datasheet HTML 7Page - Microchip Technology TC1302BDTVMFTR Datasheet HTML 8Page - Microchip Technology TC1302BDTVMFTR Datasheet HTML 9Page - Microchip Technology TC1302BDTVMFTR Datasheet HTML 10Page - Microchip Technology TC1302BDTVMFTR Datasheet HTML 11Page - Microchip Technology TC1302BDTVMFTR Datasheet HTML 12Page - Microchip Technology TC1302BDTVMFTR Datasheet HTML 13Page - Microchip Technology TC1302BDTVMFTR Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TC1302A/B
DS21333B-page 10
© 2005 Microchip Technology Inc.
3.0
TC1302A PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
TC1302A PIN FUNCTION TABLE
3.1
Regulated Output Voltage #1
(VOUT1)
Connect VOUT1 to the positive side of the VOUT1
capacitor and load. Capable of 300 mA maximum
output current. VOUT1 output is available when VIN is
available; there is no pin to turn it OFF. See TC1302B
if ON/OFF control of VOUT1 is desired.
3.2
Circuit Ground Pin (GND)
Connect GND to the negative side of the input and
output capacitor. Only the LDO internal circuitry bias
current flows out of this pin (200 µA maximum).
3.3
Reference Bypass Input
By connecting an external 10 nF capacitor (typical) to
the Bypass Input, both outputs (VOUT1 and VOUT2) will
have less noise and improved Power Supply Ripple
Rejection (PSRR) performance. The LDO output
voltage start-up time will increase with the addition of
an external bypass capacitor. By leaving this pin
unconnected, the start-up time will be minimized.
3.4
Output Voltage #2 Shutdown
(SHDN2)
ON/OFF control is performed by connecting SHDN2 to
its proper level. When the input of this pin is connected
to a voltage less than 15% of VIN, VOUT2 will be OFF. If
this pin is connected to a voltage that is greater than
45% of VIN, VOUT2 will be turned ON.
3.5
Regulated Output Voltage #2
(VOUT2)
Connect VOUT2 to the positive side of the VOUT2
capacitor and load. This pin is capable of a maximum
output current of 150 mA. VOUT2 can be turned ON and
OFF using SHDN2.
3.6
Unregulated Input Voltage Pin
(VIN)
Connect the unregulated input voltage source to VIN. If
the input voltage source is located more than several
inches away or is a battery, a typical input capacitance
of 1 µF to 4.7 µF is recommended.
Pin No.
Name
Function
1
NC
No connect.
2VOUT1
Regulated output voltage #1, capable of 300 mA.
3
GND
Circuit ground pin.
4
Bypass
Internal reference bypass pin. A 10 nF external capacitor can be used to further reduce
output noise and improve PSRR performance.
5
SHDN2
Output #2 shutdown control input.
6VOUT2
Regulated output voltage #2, capable of 150 mA.
7VIN
Unregulated input voltage pin.
8
NC
No connect.


同様の部品番号 - TC1302BDTVMFTR

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1302BDTVMF MICROCHIP-TC1302BDTVMF Datasheet
529Kb / 26P
   Low Quiescent Current Dual Output LDO
2003-2012 10/26/12
More results

同様の説明 - TC1302BDTVMFTR

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1302A MICROCHIP-TC1302A_13 Datasheet
529Kb / 26P
   Low Quiescent Current Dual Output LDO
2003-2012 10/26/12
logo
Seaward Electronics Inc...
SE8803 SEAWARD-SE8803 Datasheet
547Kb / 7P
   Dual-Output Low Quiescent Current LDO
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
   Low Quiescent Current LDO
2007
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
   Low Quiescent Current LDO
08/20/13
logo
SHANGHAI BELLING CO., L...
BL9152 BELLING-BL9152 Datasheet
202Kb / 4P
   40V Input, 500mA Output Current, Low Dropout, Low Quiescent Current LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com