データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3007D1PW データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3007D1PW
部品情報  6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3007D1PW データシート(HTML) 4 Page - Texas Instruments

  TPA3007D1PW Datasheet HTML 1Page - Texas Instruments TPA3007D1PW Datasheet HTML 2Page - Texas Instruments TPA3007D1PW Datasheet HTML 3Page - Texas Instruments TPA3007D1PW Datasheet HTML 4Page - Texas Instruments TPA3007D1PW Datasheet HTML 5Page - Texas Instruments TPA3007D1PW Datasheet HTML 6Page - Texas Instruments TPA3007D1PW Datasheet HTML 7Page - Texas Instruments TPA3007D1PW Datasheet HTML 8Page - Texas Instruments TPA3007D1PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPA3007D1
SLOS418A – SEPTEMBER 2003 – REVISED DECEMBER 2004
MIN
MAX
UNIT
Supply voltage, VCC, PVCC
RL≥ 7.0Ω(1)
8
18
V
Load impedance, RL
7.0
High-level input voltage, VIH
GAIN0, GAIN1, SHUTDOWN
2
V
Low-level input voltage, VIL
GAIN0, GAIN1, SHUTDOWN
0.8
V
Operating free-air temperature, TA
40
85
°C
Operating junction temperature, TJ(2)
125
°C
(1)
The TPA3007D1 must not be used with any speaker or load (including speaker with output filter) that could vary below 7.0
Ω over the
audio frequency band.
(2)
Continuous operation above the recommended junction temperature may result in reduced reliability and/or lifetime of the device. The
junction temperature is controlled by the thermal design of the application and should be carefully considered in high power dissipation
applications. See the thermal considerations section on page 14 for recommendations on improving the thermal performance of your
application.
T
A= 25°C, PVCC = VCC = 12 V (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX UNIT
VI = 0 V, AV = 12 dB, 18, 23.6 dB
50
Output offset voltage (measured differen-
|VOS|
mV
tially)
VI = 0 V, AV = 36 dB
100
PSRR
Power supply rejection ratio
PVCC = 11.5 V to 12.5 V
73
dB
|IIH|
High-level input current
PVCC = 12 V, VI = PVCC
1
µA
|IIL|
Low-level input current
PVCC = 12 V, VI = 0 V
1
µA
SHUTDOWN = 2.0 V, No load
8
15
mA
ICC
Supply current
SHUTDOWN = VCC, VCC = 18 V,PO = 6.5 W, RL =
0.42
A
8
ICC(SD)
Supply current, shutdown mode
SHUTDOWN = 0.8 V
1
2
µA
fs
Switching frequency
ROSC = 120 kΩ, COSC = 220 pF
250
kHz
rds(on)
Output transistor on resistance (total)
IO = 1 A, TJ = 25°C
1.4
GAIN1 = 0.8 V, GAIN0 = 0.8 V
10.9
12
12.8
dB
GAIN1 = 0.8 V, GAIN0 = 2 V
17.1
18
18.5
dB
G
Gain
GAIN1 = 2 V, GAIN0 = 0.8 V
23
23.6
24.3
dB
GAIN1 = 2 V, GAIN0 = 2 V
33.9
36
36.5
dB
4


同様の部品番号 - TPA3007D1PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3007D1PW TI-TPA3007D1PW Datasheet
262Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PW TI1-TPA3007D1PW Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PWG4 TI-TPA3007D1PWG4 Datasheet
262Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PWG4 TI1-TPA3007D1PWG4 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PWR TI-TPA3007D1PWR Datasheet
262Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3007D1PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1_06 Datasheet
262Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2107 EUTECH-EUA2107 Datasheet
176Kb / 1P
   6.5-W Mono Class-D Audio Power Amplifier
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com