データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5024 データシート(PDF) 1 Page - Nippon Precision Circuits Inc

部品番号 SM5024
部品情報  Miniature-package Crystal Oscillator Module ICs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5024 データシート(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5024 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5024 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5024 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5024 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5024 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5024 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5024 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5024 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5024 Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SM5024 series
NIPPON PRECISION CIRCUITS INC.—1
Miniature-package Crystal Oscillator Module ICs
OVERVIEW
The SM5024 series are fundamental crystal oscillator module ICs. They feature an oscillator circuit with built-
in capacitors with excellent frequency response and an output buffer with high output drive capability. They are
available in miniature 6-pin packages, making them ideal as DIP-type crystal oscillators.
FEATURES
I
Operating supply voltage range
• 3V operation: 2.7 to 3.6V
• 5V operation: 4.5 to 5.5V
I
Up to 30MHz operating frequency range
(fundamental oscillation)
I
–40 to 85
°C operating temperature range
I
Oscillator capacitors CG, CD built-in
I
Feedback resistor Rf built-in
I
fO, fO/2, fO/4, fO/8 output frequency, determined
by internal connection
I
Output drive capability
• 8mA (VDD = 2.7V)
• 16mA (VDD = 4.5V)
I
Output three-state function built-in
High impedance outputs in standby mode
I
CMOS output duty level (1/2VDD)
I
Molybdenum-gate CMOS process
I
Package: SOT23-6 (SM5024
×××H)
APPLICATIONS
I
DIP-type crystal oscillator modules
PACKAGE DIMENSIONS
(Unit: mm)
SERIES CONFIGURATION
ORDERING INFORMATION
1.9
± 0.2
2.9
± 0.2
0.4
± 0.1
M
0.20
0.95
0.1
0.15 - 0.05
+ 0.1
Version
Operating
Supply voltage
range [V]
Recommended
operating
frequency
range1 [MHz]
1. The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscilla-
tor frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the
oscillation characteristics of components must be carefully evaluated.
Built-in capacitance
[pF]
Output
duty level
Output
frequency
INHN input
level
Standby mode
CG
CD
Oscillator
stop function
Output state
SM5024AL1H
2.7 to 5.5
4 to 30
8
10
CMOS
fO
TTL
Yes
Hi-Z
SM5024AL2H
fO/2
SM5024AL3H
fO/4
SM5024AL4H
fO/8
Device
Package
SM5024
×××H
SOT23-6


同様の部品番号 - SM5024

メーカー部品番号データシート部品情報
logo
Datatronic Distribution...
SM502-1 DATATRONICS-SM502-1 Datasheet
64Kb / 1P
   This part is OBSOLETE, the SM501-1 is a possible replacement
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
   ENCODER
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
logo
Advanced Analogic Techn...
SM5021A ANALOGICTECH-SM5021A Datasheet
38Kb / 8P
   ENCODER
More results

同様の説明 - SM5024

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM5023 NPC-SM5023 Datasheet
110Kb / 9P
   Miniature-package Crystal Oscillator Module ICs
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com