データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NTE85 データシート(PDF) 2 Page - NTE Electronics

部品番号 NTE85
部品情報  Silicon NPN Transistor General Purpose Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NTE [NTE Electronics]
ホームページ  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE85 データシート(HTML) 2 Page - NTE Electronics

  NTE85 Datasheet HTML 1Page - NTE Electronics NTE85 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
DC Current Gain
hFE
VCE = 2V, IC = 50mA, Note 3
100
300
Base–Emitter ON Voltage
VBE(on)
IC = 100mA, VCE = 2V,
Note 3
0.5
1.0
V
Collector–Emitter Saturation Voltage
VCE(sat) IC = 100mA, IB = 5mA,
Note 3
0.6
V
Current Gain–Bandwidth Product
fT
IC = 50mA, VCE = 2V
100
MHz
Collector–Base Capacitance
Ccb
VCB = 10V, IE = 0, f = 1MHz
12
pF
Note 3. Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2%
.021 (.445) Dia Max
E C B
Seating Plane
.135 (3.45) Min
.100 (2.54)
.050 (1.27)
.105 (2.67) Max
.105 (2.67) Max
.205 (5.2) Max
.210
(5.33)
Max
.500
(12.7)
Min
.165
(4.2)
Max


同様の部品番号 - NTE85

メーカー部品番号データシート部品情報
logo
NTE Electronics
NTE851 NTE-NTE851 Datasheet
22Kb / 2P
   Integrated Circuit VHF/UHF Prescaler
NTE853 NTE-NTE853 Datasheet
23Kb / 2P
   Integrated Circuit Low Power, Narrow Band, FM IF System
NTE8542 NTE-NTE8542 Datasheet
82Kb / 4P
   Integrated Circuit Tri−State Quad I/O Register
NTE855 NTE-NTE855 Datasheet
25Kb / 3P
   Integrated Circuit Color TV Video Monitor
NTE856 NTE-NTE856 Datasheet
22Kb / 3P
   Integrated Circuit TV Video Modulation Circuit
More results

同様の説明 - NTE85

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
L2SC5658M3T5G LRC-L2SC5658M3T5G Datasheet
79Kb / 4P
   General Purpose Amplifier NPN Silicon Transistor
logo
First Silicon Co., Ltd
FTC5658 FS-FTC5658 Datasheet
498Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
logo
Leshan Radio Company
L2SC5658RM3T5G LRC-L2SC5658RM3T5G_15 Datasheet
164Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
logo
ON Semiconductor
2SC4617G ONSEMI-2SC4617G_14 Datasheet
58Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
July, 2014 ??Rev. 6
2SC5658M3T5G ONSEMI-2SC5658M3T5G Datasheet
130Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
September, 2009 ??Rev. 1
logo
Vaishali Semiconductor
2SC5658M3T5G VAISH-2SC5658M3T5G Datasheet
48Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
logo
ON Semiconductor
2SC5658M3T5G ONSEMI-2SC5658M3T5G_14 Datasheet
101Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
August, 2014 ??Rev. 5
S2SC4617G ONSEMI-S2SC4617G Datasheet
101Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
November, 2011 ??Rev. 5
2SC4617 ONSEMI-2SC4617 Datasheet
64Kb / 8P
   NPN Silicon General Purpose Amplifier Transistor
November, 2001 ??Rev. 3
logo
Leshan Radio Company
L2SC5658QM3T5G LRC-L2SC5658QM3T5G Datasheet
336Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com