データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC-321 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 ADC-321
部品情報  8-Bit, 50MHz Video A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

ADC-321 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  ADC-321 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC-321 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC-321 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC-321 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADC-321 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADC-321 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADC-321 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADC-321 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
®
®
DATEL, Inc., Mansfield, MA 02048 (USA.)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email: sales@datel.com • Internet: www.datel.com
ADC-321
8-Bit, 50MHz
Video A/D Converter
1
BIT 8 (LSB)
32
NO CONNECTION
2
BIT 7
31
DIGITAL GROUND (DGND)
3
BIT 6
30
OUTPUT ENABLE (OE)
4
BIT 5
29
CLAMP ENABLE (CLE)
5
BIT 4
28
DIGITAL GROUND (DGND)
6
BIT 3
27
CLAMP CONTROL (COP)
7
BIT 2
26
CLAMP REF. (VREF)
8
BIT 1 (MSB)
25
REF. BOTTOM SENSE (VRBS)
9
TEST
24
REF. BOTTOM (VRB)
10
+DVS (Digital)
23
ANALOG GROUND (AGND)
11
TEST
22
ANALOG GROUND (AGND)
12
A/D CLOCK
21
ANALOG IN (VIN)
13
NO CONNECTION
20
+AVS (Analog)
14
NO CONNECTION
19
+AVS (Analog)
15
CLAMP IN (CLP)
18
REF. TOP (VRT)
16
+AVS (Analog)
17
REF. TOP SENSE (VRTS)
FEATURES
• Low power dissipation (180mW max.)
• Input signal bandwith (100MHz)
• Optional synchronized clamp function
• Low input capacitance (15pF typ.)
• +5V or +5V/+3.3V power supply operation
• Differential nonlinearity (±½LSB max.)
• Optional self-biased reference
• CMOS/TTL compatible inputs
• Outputs 3-state TTL compatible
• Surface mount package
GENERAL DESCRIPTION
The ADC-321 is an 8-bit, high speed, monolithic CMOS, sub-
ranging A/D converter. The ADC-321 achieves a sampling rate
comparable to flash converters by employing a sub-ranging
technique which uses multiple comparator blocks each
containing a sample-and-hold amplifier. The ADC-321 can
operate with either a single +5V or dual +5V and +3.3V power
source to allow easy interfacing with 3.3V logic.
An optional synchronous clamp function useful for video signal
processing is provided. The ADC-321 is well suited for the
portable video signal processors due to its low 125mW typical
power dissipation. The ADC-321 also features ±0.5 LSB max.
differential non-linearity, a self bias function that can eliminate the
need for external references, SNR with THD of 45dB, a small
32-pin QFP package and an operating temperature range
of – 40 to +85°C
INPUT/OUTPUT CONNECTIONS
Figure 1. ADC-321 Functional Block Diagram
PIN
FUNCTION
PIN
FUNCTION
1
BIT 8 (LSB)
2
BIT 7
3
BIT 6
4
BIT 5
Reference
Supply
4-Bit
Lower
Sampling
Comparator
A
B
Clock
Generator
4-Bit
Upper
Sampling
Comparator
4-Bit
Lower
Encoder
A
B
4-Bit
Upper
Encoder
Upper
Data
Latch
Lower
Data
Latch
+
D-FF
31 DGND
30 OUTPUT ENABLE
5
BIT 4
6
BIT 3
7
BIT 2
8
BIT 1 (MSB)
12 A/D CLOCK
15 CLAMP IN
9
TEST (Open)
10 +DVS
11 TEST (Open)
16
17
18
19
21
20
VIN
+AVS
+AVS
VRT
+AVS
VRTS
22
AGND
23
AGND
24
VRB
25
VRBS
26
VREF
27
CLAMP CONTROL
29
CLAMP ENABLE
28
DGND


同様の部品番号 - ADC-321

メーカー部品番号データシート部品情報
logo
Murata Power Solutions ...
ADC-321 MURATA-PS-ADC-321 Datasheet
331Kb / 8P
   8-Bit, 50MHz Video A/D Converter
More results

同様の説明 - ADC-321

メーカー部品番号データシート部品情報
logo
Murata Power Solutions ...
ADC-321 MURATA-PS-ADC-321 Datasheet
331Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
AH8308E ETC1-AH8308E Datasheet
674Kb / 8P
   8-bit composite video d/a converter
logo
Analog Devices
AD9048TQ-883B AD-AD9048TQ-883B Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
AD9048 AD-AD9048_15 Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Fujitsu Component Limit...
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com