データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5162S データシート(PDF) 3 Page - SamHop Microelectronics Corp.

部品番号 SM5162S
部品情報  RF remote control encoder paired with SM5172.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5162S データシート(HTML) 3 Page - SamHop Microelectronics Corp.

  SM5162S Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5162S Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5162S Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5162S Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5162S Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5162S Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5162S Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5162S Datasheet HTML 8Page - SamHop Microelectronics Corp. SM5162S Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Page 3
OCT. 2001
PIN FUNCTION
No.
1
2
3
4
5
6
7
Pin Name
A0
A1
A2
A3
A4
A5
A6/D5
I/O
I
I
I
I
I
I
I/O
Function Operation
Address input, each pin can be set to "0",
"1" , or floating.
Address input or data output.
Negative power supply.
Address input or data output.
8
9
10
A7/D4
VSS
A8/D3
I/O
POWER
I/O
11
12
A9/D2
A10/D1
I/O
I/O
13
A11/D0
I/O
14
15
OSC1
I
Resistor connected between these two pins
determine the system clock.
16
OSC2
O
17
Dout
O
Serial output of encoded signals.
18
VDD
POWER
Positive power supply.
TE
I
Enables transmission.
LED
O
LED Output.
SM5162
312 RF ENCODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


同様の部品番号 - SM5162S

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
SM51625EL BOURNS-SM51625EL Datasheet
252Kb / 2P
   LAN 10/100/1000 Base-T (PoE) Transformer
More results

同様の説明 - SM5162S

メーカー部品番号データシート部品情報
logo
Silvan Chip Electronics...
SC2260R4 SILVAN-SC2260R4 Datasheet
109Kb / 2P
   remote control encoder paired
SC2262 SILVAN-SC2262 Datasheet
228Kb / 3P
   remote control encoder paired
logo
SamHop Microelectronics...
SM5212E SAMHOP-SM5212E Datasheet
45Kb / 8P
   SM5212E is a RF remote control encoder paired with SM5212D
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
   Remote Control Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com