データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3018A データシート(PDF) 6 Page - Harris Corporation

部品番号 CA3018A
部品情報  General Purpose Transistor Arrays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HARRIS [Harris Corporation]
ホームページ  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3018A データシート(HTML) 6 Page - Harris Corporation

  CA3018A Datasheet HTML 1Page - Harris Corporation CA3018A Datasheet HTML 2Page - Harris Corporation CA3018A Datasheet HTML 3Page - Harris Corporation CA3018A Datasheet HTML 4Page - Harris Corporation CA3018A Datasheet HTML 5Page - Harris Corporation CA3018A Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
FIGURE 13. h PARAMETERS vs COLLECTOR CURRENT
FIGURE 14. FORWARD TRANSFER ADMITTANCE (YFE)
FIGURE 15. INPUT ADMITTANCE (YIE)
FIGURE 16. OUTPUT ADMITTANCE (YOE)
FIGURE 17. REVERSE TRANSFER ADMITTANCE (YRE)
FIGURE 18. TYPICAL GAIN BANDWIDTH PRODUCT (fT)vs
COLLECTOR CURRENT
Typical Performance Curves (Continued)
VCE = 3V
f = 1kHz
TA = 25
oC
hOE
hFE
hRE
hIE
hFE = 110
hIE = 3.5kΩ
hRE = 1.88 x 10
-4
hOE = 15.6µS
AT
1mA
hRE
hIE
100
10
1.0
0.1
0.01
0.1
1.0
10
COLLECTOR CURRENT (mA)
TA = 25
oC, V
CE = 3V, IC = 1mA
COMMON EMITTER CIRCUIT, BASE INPUT
FREQUENCY (MHz)
0.1
10
100
-20
-10
0
10
20
30
40
gFE
bFE
1
TA = 25
oC, V
CE = 3V, IC = 1mA
COMMON EMITTER CIRCUIT, BASE INPUT
FREQUENCY (MHz)
0.1
10
100
0
1
2
3
4
5
6
gIE
bIE
1
TA = 25
oC, V
CE = 3V, IC = 1mA
COMMON EMITTER CIRCUIT, BASE INPUT
FREQUENCY (MHz)
0
1
2
3
4
5
6
gOE
bOE
0.1
10
100
1
TA = 25
oC, V
CE = 3V, IC = 1mA
COMMON EMITTER CIRCUIT, BASE INPUT
FREQUENCY (MHz)
-2.0
-1.5
-1.0
-0.5
0
bRE
1
100
10
gRE IS SMALL AT FREQUENCIES
LESS THAN 500MHz
800
700
600
500
400
300
200
100
1000
900
0
1
2345
6
78
9
10
11
12
13 14
COLLECTOR CURRENT (mA)
VCE = 3V
TA = 25
oC
CA3018, CA3018A


同様の部品番号 - CA3018A

メーカー部品番号データシート部品情報
logo
GE Solid State
CA3018A GESS-CA3018A Datasheet
274Kb / 6P
   GENERAL PURPOSE TRANSISTOR ARRAYS
More results

同様の説明 - CA3018A

メーカー部品番号データシート部品情報
logo
GE Solid State
CA3018 GESS-CA3018 Datasheet
274Kb / 6P
   GENERAL PURPOSE TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3045 INTERSIL-CA3045 Datasheet
53Kb / 6P
   General Purpose NPN Transistor Arrays
September 1998
CA3081 INTERSIL-CA3081_01 Datasheet
150Kb / 6P
   General Purpose High Current NPN Transistor Arrays
CA3081 INTERSIL-CA3081 Datasheet
66Kb / 6P
   General Purpose High Current NPN Transistor Arrays
November 1999
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Littelfuse
SC1333-01ETG LITTELFUSE-SC1333-01ETG Datasheet
937Kb / 5P
   TVS Diode Arrays General Purpose ESD Protection
Revision: 11/24/20
SP1021-01WTG LITTELFUSE-SP1021-01WTG Datasheet
2Mb / 4P
   TVS Diode Arrays General Purpose ESD Protection
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
Panasonic Semiconductor
AN90C00 PANASONIC-AN90C00 Datasheet
139Kb / 5P
   TRANSISTOR ARRAYS
AN90B00 PANASONIC-AN90B00 Datasheet
268Kb / 7P
   TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com